Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72616KTTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72616KTTR
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72616KTTR Datasheet(HTML) 1 Page - Texas Instruments

  TPS72616KTTR Datasheet HTML 1Page - Texas Instruments TPS72616KTTR Datasheet HTML 2Page - Texas Instruments TPS72616KTTR Datasheet HTML 3Page - Texas Instruments TPS72616KTTR Datasheet HTML 4Page - Texas Instruments TPS72616KTTR Datasheet HTML 5Page - Texas Instruments TPS72616KTTR Datasheet HTML 6Page - Texas Instruments TPS72616KTTR Datasheet HTML 7Page - Texas Instruments TPS72616KTTR Datasheet HTML 8Page - Texas Instruments TPS72616KTTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Note: Tab is GND for both packages
1
KTT PACKAGE
(TOP VIEW)
2 3 4 5
DDPAK
1
2
3
4
5
DCQ PACKAGE
OUT
GND
IN
ENABLE
SOT223-5
(TOP VIEW)
RESET
TPS726126
TPS72615, TPS72616
TPS72618, TPS72625
www.ti.com
SLVS403H – MAY 2002 – REVISED JUNE 2010
LOW INPUT VOLTAGE,
1-A LOW-DROPOUT LINEAR REGULATORS
WITH SUPERVISOR
Check for Samples: TPS726126, TPS72615, TPS72616, TPS72618, TPS72625
1
FEATURES
DESCRIPTION
1-A Low-Dropout Regulator Supports Input
Voltages Down to 1.8-V
The TPS726xx family of 1-A low-dropout (LDO) linear
regulators has fixed voltage options available that are
Available in 1.26-V, 1.5-V, 1.6-V, 1.8-V, 2.5-V
commonly used to power the latest DSPs, FPGAs,
Stable With Any Type/Value Output Capacitor
and microcontrollers. The integrated supervisory
±2% Output Voltage Tolerance Over Line,
circuitry provides an active low RESET signal when
Load, and Temperature (–40°C to +125°C)
the
output
falls
out
of
regulation.
The
no
capacitor/any capacitor feature allows the customer
Integrated Supervisor (SVS) With 200-ms
to tailor output transient performance as needed.
RESET Delay Time
Therefore, compared to other regulators capable of
Low 170-mV Dropout Voltage at 1 A
providing the same output current, this family of
(TPS72625)
regulators can provide a stand alone power supply
Low 210-mA Ground Current at Full Load
solution or a post regulator for a switch mode power
supply.
Less than 1-mA Standby Current
Integrated UVLO with Thermal and
These regulators operate over a wide range of input
voltages (1.8 V to 6 V) and have very low dropout
Overcurrent Protection
(170 mV at 1-A). Ground current is typically 210 µA at
5-Lead SOT223 or DDPAK Surface-Mount
full load and drops to less than 80 µA at no load.
Package
Standby current is less than 1 µA.
Unlike some regulators that have a minimum current
APPLICATIONS
requirement, the TPS726xx family is stable with no
PCI Cards
output load current. The low noise capability of this
Modem Banks and Telecom Boards
family, coupled with its high current operation and
DSP, FPGA, and Microprocessor Power
ease of power dissipation, make it ideal for telecom
Supplies
boards, modem banks, and other noise sensitive
Portable, Battery-Powered Applications
applications.
1.26-V Core Voltage for the Following DSPs:
The TPS726xx is available in either a SOT223 or
TMS320vC5501
DDPAK package. The TPS726126 is available in a
SOT223 package only.
TMS320vC5502
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS72616KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72616KTTR TI-TPS72616KTTR Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616KTTR TI1-TPS72616KTTR Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616KTTRG3 TI1-TPS72616KTTRG3 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72616KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_07 Datasheet
716Kb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com