Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1835BMNR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1835BMNR2
Description  Integrated Li?묲on Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1835BMNR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1835BMNR2 Datasheet HTML 2Page - ON Semiconductor NCP1835BMNR2 Datasheet HTML 3Page - ON Semiconductor NCP1835BMNR2 Datasheet HTML 4Page - ON Semiconductor NCP1835BMNR2 Datasheet HTML 5Page - ON Semiconductor NCP1835BMNR2 Datasheet HTML 6Page - ON Semiconductor NCP1835BMNR2 Datasheet HTML 7Page - ON Semiconductor NCP1835BMNR2 Datasheet HTML 8Page - ON Semiconductor NCP1835BMNR2 Datasheet HTML 9Page - ON Semiconductor NCP1835BMNR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCP1835B
http://onsemi.com
6
TYPICAL OPERATING CHARACTERISTICS
2.5
3.0
3.5
4.0
4.5
VBAT, BATTERY VOLTAGE (V)
400
300
200
100
0
500
Figure 8. V2P8 Voltage vs. Input Voltage
Figure 9. Trickle Charge Current vs. Input Voltage
Figure 10. Trickle Charge Current vs. Temperature
Figure 11. Full Charge Current vs. Input Voltage
4.3
4.5
4.7
4.9
5.1
VCC, INPUT VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
0.5
0.0
5.3
5.5
3.7
3.9
4.1
4.5
5.0
5.5
6.0
6.5
VCC, INPUT VOLTAGE (V)
30
20
10
0
50
−50
−25
0
25
50
75
TA, AMBIENT TEMPERATURE (°C)
60
50
40
30
20
10
0
VBAT = 3.7 V
RISEL=270 kW
100
125
4.5
5.0
5.5
6.0
6.5
VCC, INPUT VOLTAGE (V)
300
200
100
0
400
VCC = 5 V
4.5
5.0
5.5
6.0
6.5
VCC, INPUT VOLTAGE (V)
4.10
4.05
4.00
3.95
3.90
Figure 12. Recharge Voltage vs. Input Voltage
RISEL = 270 kW
Figure 13. Charge Current vs. Battery Voltage
VBAT = 3.7 V
RISEL = 270 kW
VBAT = 2.0 V
VBAT = 3.7 V
40
RISEL = 2.7 MW
RISEL = 270 kW
100
90
80
70
250
150
50
350
RISEL = 270 kW
RISEL = 2.7 MW


Similar Part No. - NCP1835BMNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1835B ONSEMI-NCP1835B Datasheet
150Kb / 17P
   Integrated Li?묲on Charger
February, 2006 ??Rev. 3
More results

Similar Description - NCP1835BMNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1835B ONSEMI-NCP1835B Datasheet
150Kb / 17P
   Integrated Li?묲on Charger
February, 2006 ??Rev. 3
NCP1835_0603 ONSEMI-NCP1835_0603 Datasheet
152Kb / 16P
   Integrated Li?묲on Charger
May, 2006 ??Rev. 4
NCP1855 ONSEMI-NCP1855 Datasheet
341Kb / 26P
   Fully Integrated Li-Ion Switching Battery Charger
August, 2014 ??Rev. P1
NCP1850 ONSEMI-NCP1850 Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1851 ONSEMI-NCP1851 Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1854 ONSEMI-NCP1854 Datasheet
622Kb / 27P
   Fully Integrated Li-Ion Switching Battery Charger
September, 2014 ??Rev. 4
NCP1852 ONSEMI-NCP1852 Datasheet
497Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 5
logo
STMicroelectronics
L6924D STMICROELECTRONICS-L6924D Datasheet
73Kb / 5P
   Li-Ion/Li-Polymer Battery Charger System with Integrated Power Switch
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3206 ANPEC-APL3206_10 Datasheet
386Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com