Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1808AA100KAZ1A Datasheet(PDF) 1 Page - AVX Corporation

Part # 1808AA100KAZ1A
Description  High Voltage MLC Chips FLEXITERM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1808AA100KAZ1A Datasheet(HTML) 1 Page - AVX Corporation

  1808AA100KAZ1A Datasheet HTML 1Page - AVX Corporation 1808AA100KAZ1A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
91
Notes: Capacitors with X7R dielectrics are not intended for applications across AC supply mains or AC line filtering with polarity reversal. Contact plant for recommendations.
Contact factory for availability of Termination and Tolerance options for Specific Part Numbers.
*** AVX offers nonstandard chip sizes. Contact factory for details.
High Voltage MLC Chips FLEXITERM
®
For 600V to 3000V Applications
HOW TO ORDER
SIZE
0805
1206
1210*
1808*
1812*
1825*
2220*
2225*
(L) Length
2.01 ± 0.20
3.20 ± 0.20
3.20 ± 0.20
4.57 ± 0.25
4.50 ± 0.30
4.50 ± 0.30
5.7 ± 0.40
5.72 ± 0.25
(0.079 ± 0.008)
(0.126 ± 0.008)
(0.126 ± 0.008)
(0.180 ± 0.010)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.224 ± 0.016)
(0.225 ± 0.010)
(W) Width
1.25 ± 0.20
1.60 ± 0.20
2.50 ± 0.20
2.03 ± 0.25
3.20 ± 0.20
6.40 ± 0.30
5.0 ± 0.40
6.35 ± 0.25
(0.049 ± 0.008)
(0.063 ± 0.008)
(0.098 ± 0.008)
(0.080 ± 0.010)
(0.126 ± 0.008)
(0.252 ± 0.012)
(0.197 ± 0.016)
(0.250 ± 0.010)
(T) Thickness
1.30
1.52
1.70
2.03
2.54
2.54
3.30
2.54
Max.
(0.051)
(0.060)
(0.067)
(0.080)
(0.100)
(0.100)
(0.130)
(0.100)
(t) terminal min.
0.50 ± 0.25
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
max. (0.020 ± 0.010)
0.75 (0.030)
0.75 (0.030)
1.02 (0.040)
1.02 (0.040)
1.02 (0.040)
1.02 (0.040)
1.02 (0.040)
High value, low leakage and small size are difficult parameters to obtain
in capacitors for high voltage systems. AVX special high voltage MLC
chips capacitors meet these performance characteristics and are
designed for applications such as snubbers in high frequency power
converters, resonators in SMPS, and high voltage coupling/DC blocking.
These high voltage chip designs exhibit low ESRs at high frequencies.
To make high voltage chips, larger physical sizes than are normally
encountered are necessary. These larger sizes require that special pre-
cautions be taken in applying these chips in surface mount assemblies.
In response to this, and to follow from the success of the FLEXITERM
®
range of low voltage parts, AVX is delighted to offer a FLEXITERM
® high
voltage range of capacitors, FLEXITERM
®.
The FLEXITERM
® layer is designed to enhance the mechanical flexure
and temperature cycling performance of a standard ceramic capacitor,
giving customers a solution where board flexure or temperature cycle
damage are concerns.
*Reflow Soldering Only
W
L
T
t
1808
AVX
Style
0805
1206
1210
1808
1812
1825
2220
2225
***
A
Voltage
600V/630V = C
1000V = A
1500V = S
2000V = G
2500V = W
3000V = H
C
Temperature
Coefficient
C0G = A
X7R = C
272
Capacitance Code
(2 significant digits
+ no. of zeros)
Examples:
10 pF = 100
100 pF = 101
1,000 pF = 102
22,000 pF = 223
220,000 pF = 224
1 μF = 105
K
Capacitance
Tolerance
C0G: J = ±5%
K = ±10%
M = ±20%
X7R: K = ±10%
M = ±20%
Z = +80%,
-20%
A
Test Level
Z
Termination*
Z = FLEXITERM®
100% Tin
(RoHS Compliant)
1
Packaging
1 = 7" Reel
3 = 13" Reel
9 = Bulk
A
Special
Code
A = Standard
DIMENSIONS
millimeters (inches)


Similar Part No. - 1808AA100KAZ1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1808AA100KA11A AVX-1808AA100KA11A Datasheet
111Kb / 3P
   High Voltage MLC Chip
1808AA100KA11A AVX-1808AA100KA11A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1808AA100KA11A AVX-1808AA100KA11A Datasheet
118Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Application
1808AA100KA13A AVX-1808AA100KA13A Datasheet
111Kb / 3P
   High Voltage MLC Chip
1808AA100KA13A AVX-1808AA100KA13A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 1808AA100KAZ1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
2220HC103KAZ1A AVX-2220HC103KAZ1A Datasheet
57Kb / 2P
   High Voltage MLC Chips FLEXITERM For 600V to 3000V Applications
0805AA330KAT1A AVX-0805AA330KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips
1825CC104KAT1A AVX-1825CC104KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1206CC153KAT1A AVX-1206CC153KAT1A Datasheet
118Kb / 2P
   High Voltage MLC Chips
1206GC102KAT1A AVX-1206GC102KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812AA102JAT1A AVX-1812AA102JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812GC102KAT1A AVX-1812GC102KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1808GC222KAT1A AVX-1808GC222KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812HA101JAT1A AVX-1812HA101JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com