Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF58AG Datasheet(PDF) 3 Page - ON Semiconductor

Part # SMF58AG
Description  200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMF58AG Datasheet(HTML) 3 Page - ON Semiconductor

  SMF58AG Datasheet HTML 1Page - ON Semiconductor SMF58AG Datasheet HTML 2Page - ON Semiconductor SMF58AG Datasheet HTML 3Page - ON Semiconductor SMF58AG Datasheet HTML 4Page - ON Semiconductor SMF58AG Datasheet HTML 5Page - ON Semiconductor SMF58AG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMF5.0AT1G Series, SZSMF5.0AT1G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted, VF = 1.25 Volts @ 200 mA)
Device*
Marking
VRWM (V)
VBR @ IT (V) (Note 6)
IT
IR @ VRWM
VC(Max)
IPP(Max) (A)
(Note 5)
Min
Nom
Max
(mA)
(mA)
(V)
(Note 7)
SMF5.0AG
KE
5
6.4
6.7
7
10
400
9.2
21.7
SMF6.0AG
KG
6
6.67
7.02
7.37
10
400
10.3
19.4
SMF6.5AG
KK
6.5
7.22
7.6
7.98
10
250
11.2
17.9
SMF7.0AG
KM
7
7.78
8.2
8.6
10
100
12
16.7
SMF7.5AG
KP
7.5
8.33
8.77
9.21
1
50
12.9
15.5
SMF8.0AG
KR
8
8.89
9.36
9.83
1
25
13.6
14.7
SMF9.0AG
KV
9
10
10.55
11.1
1
5
15.4
13.0
SMF10AG
KX
10
11.1
11.7
12.3
1
2.5
17
11.8
SMF11AG
KZ
11
12.2
12.85
13.5
1
2.5
18.2
11.0
SMF12AG
LE
12
13.3
14
14.7
1
2.5
19.9
10.1
SMF13AG
LG
13
14.4
15.15
15.9
1
1
21.5
9.3
SMF14AG
LK
14
15.6
16.4
17.2
1
1
23.2
8.6
SMF15AG
LM
15
16.7
17.6
18.5
1
1
24.4
8.2
SMF18AG
LT
18
20
21
22.1
1
1
29.2
6.8
SMF20AG
LV
20
22.2
23.35
24.5
1
1
32.4
6.2
SMF22AG
LX
22
24.4
25.6
26.9
1
1
35.5
5.6
SMF24AG
LZ
24
26.7
28.1
29.5
1
1
38.9
5.1
SMF26AG
ME
26
28.9
30.4
31.9
1
1
42.1
4.8
SMF28AG
MG
28
31.1
32.8
34.4
1
1
45.4
4.4
SMF30AG
MK
30
33.3
35.1
36.8
1
1
48.4
4.1
SMF33AG
MM
33
36.7
38.7
40.6
1
1
53.3
3.8
SMF36AG
MP
36
40
42.1
44.2
1
1
58.1
3.4
SMF48AG
MX
48
53.3
56.1
58.9
1
1
77.4
2.6
SMF51AG
MZ
51
56.7
59.7
62.7
1
1
82.4
2.4
SMF58AG
NG
58
64.4
67.8
71.2
1
1
93.6
2.1
5. A transient suppressor is normally selected according to the Working Peak Reverse Voltage (VRWM) which should be equal to or greater
than the DC or continuous peak operating voltage level.
6. VBR measured at pulse test current IT at ambient temperature of 25°C.
7. Surge current waveform per Figure 2 and derate per Figure 3.
*Include SZ-prefix devices where applicable.


Similar Part No. - SMF58AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF58AG ONSEMI-SMF58AG Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
SMF58AG ONSEMI-SMF58AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF58AG ONSEMI-SMF58AG Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF58AG ONSEMI-SMF58AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF58AG ONSEMI-SMF58AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results

Similar Description - SMF58AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF33AT1G ONSEMI-SMF33AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF36AT1G ONSEMI-SMF36AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF9.0AT1G ONSEMI-SMF9.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF60AT1G ONSEMI-SMF60AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF30AT1G ONSEMI-SMF30AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF18AT1G ONSEMI-SMF18AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF15AT1G ONSEMI-SMF15AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
129Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF24AT1G ONSEMI-SMF24AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com