Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3915PWPG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC3915PWPG4
Description  15-V PROGRAMMABLE HOT SWAP POWER MANAGER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3915PWPG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC3915PWPG4 Datasheet HTML 4Page - Texas Instruments UCC3915PWPG4 Datasheet HTML 5Page - Texas Instruments UCC3915PWPG4 Datasheet HTML 6Page - Texas Instruments UCC3915PWPG4 Datasheet HTML 7Page - Texas Instruments UCC3915PWPG4 Datasheet HTML 8Page - Texas Instruments UCC3915PWPG4 Datasheet HTML 9Page - Texas Instruments UCC3915PWPG4 Datasheet HTML 10Page - Texas Instruments UCC3915PWPG4 Datasheet HTML 11Page - Texas Instruments UCC3915PWPG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
21-Mar-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
UCC2915DP
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
UCC2915DP
UCC2915DPG4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
UCC2915DP
UCC2915DPTR
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
-40 to 85
UCC2915DP
UCC2915DPTRG4
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
-40 to 85
UCC3915DP
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC3915DP
UCC3915DPG4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC3915DP
UCC3915DPTR
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC3915DP
UCC3915DPTRG4
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC3915DP
UCC3915N
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
0 to 70
UCC3915N
UCC3915NG4
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
0 to 70
UCC3915PWP
ACTIVE
TSSOP
PW
24
60
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC3915PWP
UCC3915PWPG4
ACTIVE
TSSOP
PW
24
60
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC3915PWP
UCC3915PWPTR
ACTIVE
TSSOP
PW
24
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC3915PWP
UCC3915PWPTRG4
ACTIVE
TSSOP
PW
24
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC3915PWP
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.


Similar Part No. - UCC3915PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3915 TI-UCC3915 Datasheet
67Kb / 5P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC39151 TI1-UCC39151 Datasheet
157Kb / 8P
[Old version datasheet]   15-V PROGRAMMABLE HOT AWAP POWER MANAGER
UCC39151DP TI1-UCC39151DP Datasheet
157Kb / 8P
[Old version datasheet]   15-V PROGRAMMABLE HOT AWAP POWER MANAGER
UCC39151DPG4 TI1-UCC39151DPG4 Datasheet
157Kb / 8P
[Old version datasheet]   15-V PROGRAMMABLE HOT AWAP POWER MANAGER
More results

Similar Description - UCC3915PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2915 TI-UCC2915 Datasheet
67Kb / 5P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC39151 TI1-UCC39151_11 Datasheet
157Kb / 8P
[Old version datasheet]   15-V PROGRAMMABLE HOT AWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com