Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3915PWPTR Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC3915PWPTR
Description  15-V PROGRAMMABLE HOT SWAP POWER MANAGER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3915PWPTR Datasheet(HTML) 5 Page - Texas Instruments

  UCC3915PWPTR Datasheet HTML 1Page - Texas Instruments UCC3915PWPTR Datasheet HTML 2Page - Texas Instruments UCC3915PWPTR Datasheet HTML 3Page - Texas Instruments UCC3915PWPTR Datasheet HTML 4Page - Texas Instruments UCC3915PWPTR Datasheet HTML 5Page - Texas Instruments UCC3915PWPTR Datasheet HTML 6Page - Texas Instruments UCC3915PWPTR Datasheet HTML 7Page - Texas Instruments UCC3915PWPTR Datasheet HTML 8Page - Texas Instruments UCC3915PWPTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
UCC2915, UCC3915
15V PROGRAMMABLE HOT SWAP POWER MANAGER
SLUS198C – FEBUARY 2000 - REVISED - JUNE 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
pin descriptions
B0 – B3: These pins provide digital input to the DAC, which sets the fault-current threshold. They can be used
to provide a digital soft-start and adaptive-current limiting.
CT: A capacitor connected to ground sets the maximum-fault time. The maximum-fault time must be more than
the time required to charge the external capacitance in one cycle. The maximum-fault time is defined as
TFAULT = 16.1 × 103 × CT. Once the fault time is reached the output will shutdown for a time given by
TSD = 833 × 103 × CT, this equates to a 1.9% duty cycle.
FAULT: Open-drain output, which pulls low upon any fault or interrupt condition, or thermal shutdown.
IMAX: When this pin is set to a logic low, the maximum-sourcing current will always be 1 A above the
programmed-fault level. When set to a logic high, the maximum-sourcing current will be a constant 4 A for
applications which require fast charging of load capacitance.
SHTDWN: When this pin is brought to a logic low, the IC is put into a sleep mode drawing typically less than
100
µA of ICC.The input threshold is hysteretic, allowing the user to program a startup delay with an external
RC circuit.
VIN: Input voltage to the UCC3915. The recommended voltage range is 7 V to 15 V. Both VIN pins should be
connected together and connected to the power source.
VOUT: Output voltage from the UCC3915. Both VOUT pins should be connected together and connected to
the load. When switched the output voltage will be approximately VIN – (0.15 Ω × IOUT). VOUT must not exceed
VIN by greater than 0.3 V.
APPLICATION INFORMATION
UDG-99175
6
7
8
9
11
10
B0
B1
B2
B3
IMAX
16
3
2
4
12
13
5
14
15
1
SHTDWN
VOUT
VIN
FAULT
CT
GND
HEAT SINK
GND PINS
UCC3915
RL
COUT
VOUT
CSD
RSD
VIN
CIN
D1
CT
S1
S2
S3
S4
S5
DIP
SWITCH
S6
VIN
VIN
R1
LED
5 V
Figure 1. Evaluation Circuit


Similar Part No. - UCC3915PWPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3915 TI-UCC3915 Datasheet
67Kb / 5P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC39151 TI1-UCC39151 Datasheet
157Kb / 8P
[Old version datasheet]   15-V PROGRAMMABLE HOT AWAP POWER MANAGER
UCC39151DP TI1-UCC39151DP Datasheet
157Kb / 8P
[Old version datasheet]   15-V PROGRAMMABLE HOT AWAP POWER MANAGER
UCC39151DPG4 TI1-UCC39151DPG4 Datasheet
157Kb / 8P
[Old version datasheet]   15-V PROGRAMMABLE HOT AWAP POWER MANAGER
More results

Similar Description - UCC3915PWPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2915 TI-UCC2915 Datasheet
67Kb / 5P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC39151 TI1-UCC39151_11 Datasheet
157Kb / 8P
[Old version datasheet]   15-V PROGRAMMABLE HOT AWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com