Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM300DX-34SA Datasheet(PDF) 7 Page - Powerex Power Semiconductors

Part # CM300DX-34SA
Description  Dual IG NX-Series Module 300 Amperes/1700 Volts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM300DX-34SA Datasheet(HTML) 7 Page - Powerex Power Semiconductors

  CM300DX-34SA Datasheet HTML 1Page - Powerex Power Semiconductors CM300DX-34SA Datasheet HTML 2Page - Powerex Power Semiconductors CM300DX-34SA Datasheet HTML 3Page - Powerex Power Semiconductors CM300DX-34SA Datasheet HTML 4Page - Powerex Power Semiconductors CM300DX-34SA Datasheet HTML 5Page - Powerex Power Semiconductors CM300DX-34SA Datasheet HTML 6Page - Powerex Power Semiconductors CM300DX-34SA Datasheet HTML 7Page - Powerex Power Semiconductors CM300DX-34SA Datasheet HTML 8Page - Powerex Power Semiconductors CM300DX-34SA Datasheet HTML 9Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CM300DX-34SA
Dual IGBT NX-Series Module
300 Amperes/1700 Volts
7
12/12 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
104
103
101
102
VCC = 1000V
VGE = ±15V
IC = 300A
Tj = 150°C
Inductive Load
EXTERNAL GATE RESISTANCE, R
G, (Ω)
101
10-1
100
SWITCHING TIME VS.
GATE RESISTANCE
(TYPICAL)
102
td(off)
td(on)
tr
tf
GATE CHARGE, Q
G, (nC)
GATE CHARGE VS. VGE
20
0
15
10
5
0
500
1000 1500
2500
2000
IC = 300A
VCC = 1000V
EMITTER CURRENT, I
E, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
101
102
102
101
103
VCC = 1000V
VGE = ±15V
RG = 0
Tj = 125°C
Inductive Load
Irr
trr
EMITTER CURRENT, I
E, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
101
102
102
101
103
VCC = 1000V
VGE = ±15V
RG = 0
Tj = 150°C
Inductive Load
Irr
trr


Similar Part No. - CM300DX-34SA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM300DX-12A MITSUBISHI-CM300DX-12A Datasheet
210Kb / 7P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DX-24A MITSUBISHI-CM300DX-24A Datasheet
209Kb / 7P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DX-24S MITSUBISHI-CM300DX-24S Datasheet
369Kb / 9P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM300DX-24S POWEREX-CM300DX-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 300 Amperes/1200 Volts
logo
Mitsubishi Electric Sem...
CM300DX-24S1 MITSUBISHI-CM300DX-24S1 Datasheet
708Kb / 10P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM300DX-34SA

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM150DX-34SA POWEREX-CM150DX-34SA Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 150 Amperes/1700 Volts
CM450DX-34SA POWEREX-CM450DX-34SA Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 450 Amperes/1700 Volts
CM450DXL-34SA POWEREX-CM450DXL-34SA Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 450 Amperes/1700 Volts
CM200DX-34SA POWEREX-CM200DX-34SA Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 200 Amperes/1700 Volts
CM600DXL-34SA POWEREX-CM600DXL-34SA Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 600 Amperes/1700 Volts
QID1230015 POWEREX-QID1230015 Datasheet
585Kb / 5P
   Dual IGBTMOD NX-Series Module 300 Amperes/1200 Volts
CM300DX1-24NFJ POWEREX-CM300DX1-24NFJ Datasheet
692Kb / 6P
   Dual IGBTMOD NX-Series Module 300 Amperes/1200 Volts
CM300DX-24S POWEREX-CM300DX-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 300 Amperes/1200 Volts
CM300DY-34A POWEREX-CM300DY-34A Datasheet
425Kb / 4P
   Dual IGBTMOD A-Series Module 300 Amperes/1700 Volts
CM200EXS-34SA POWEREX-CM200EXS-34SA Datasheet
1Mb / 9P
   Chopper IGBT NX-Series Module 200 Amperes/1700 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com