Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6802A42XMR-G Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6802A42XMR-G
Description  800mA Single Cell Li-ion Battery Linear Charger IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6802A42XMR-G Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6802A42XMR-G Datasheet HTML 2Page - Torex Semiconductor XC6802A42XMR-G Datasheet HTML 3Page - Torex Semiconductor XC6802A42XMR-G Datasheet HTML 4Page - Torex Semiconductor XC6802A42XMR-G Datasheet HTML 5Page - Torex Semiconductor XC6802A42XMR-G Datasheet HTML 6Page - Torex Semiconductor XC6802A42XMR-G Datasheet HTML 7Page - Torex Semiconductor XC6802A42XMR-G Datasheet HTML 8Page - Torex Semiconductor XC6802A42XMR-G Datasheet HTML 9Page - Torex Semiconductor XC6802A42XMR-G Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6/21
XC6802 Series
■OPERATIONAL EXPLANATION (Continued)
<Charge Condition Status>
The /CHG pin constantly monitors the charge states classified as below:
●Strong pull-down: I/CHG=10mA (TYP.) in a charge cycle,
●Weak pull-down: I/CHG=20μA (TYP.) in a stand-by mode,
●High impedance: in shutdown mode.
<Connection of Shorted BAT Pin>
Even if the BAT pin is shorted to the VSS, a trickle charge mode starts to operate for protecting the IC from destruction caused
by over current.
<Under-voltage Lockout (UVLO)>
The UVLO circuit keeps the charger in shut-down mode until the input voltage, VIN, rises more than the UVLO voltage.
Moreover, in order to protect the battery charger, the UVLO circuit keeps the charger in shut-down mode when a voltage
between the input pin voltage and BAT pin voltage falls to less than 30mV (TYP.). The charge will not restart until the voltage
between the input pin voltage and BAT pin voltage rises more than 100mV (TYP.). During the shut-down mode, the driver
transistor turns off but a failure detection circuit operates, and supply current is reduced to 10μA (TYP.).
<Soft-start Function>
To protect against inrush current from the input to the battery, soft-start time is set in the circuit optimally (150μs, TYP.).
<Manual Shut-down>
During the charge cycle, the IC can be shifted to the shut-down mode by floating the ISEN pin. For this, a drain current to the
battery is reduced to less than 2μA and a shut-down current of the IC is reduced to less than 10μA (TYP.). A new charge
cycle starts when reconnecting the current sense resistor.
<Opened BAT Pin>
When the BAT pin is left open, the IC needs to be shut-down once after monitoring the CHG pin by a microprocessor etc and
keeping the ISEN pin in H level.
<Backflow Prevention Between the BAT Pin and the VIN Pin>
A backflow prevention circuit protects against current flowing from the BAT pin to the VIN pin even the BAT pin voltage is higher
than the VIN pin voltage.
4.20V
4.05V
2.9V
CC
CV
Trickle
Standby
Recharge Battery Time
(2ms, Typ)
Recharge
Battery
Voltage
IBAT/10
Charge
Current
IBAT
Battery Termination Detect Time
(1ms, Typ)
/CHG Pin
Status
Weak Pull Down
(20uA, Typ)
Strong Pull Down
(10mA, Typ)
Strong Pull Down
(10mA, Typ)


Similar Part No. - XC6802A42XMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6802A42XMR-G TOREX-XC6802A42XMR-G Datasheet
356Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
More results

Similar Description - XC6802A42XMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
   Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
   Linear Single Cell Li-Ion Battery Charger IC
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com