Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC8107 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC8107
Description  85m廓 High Function Power Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8107 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC8107_13 Datasheet HTML 1Page - Torex Semiconductor XC8107_13 Datasheet HTML 2Page - Torex Semiconductor XC8107_13 Datasheet HTML 3Page - Torex Semiconductor XC8107_13 Datasheet HTML 4Page - Torex Semiconductor XC8107_13 Datasheet HTML 5Page - Torex Semiconductor XC8107_13 Datasheet HTML 6Page - Torex Semiconductor XC8107_13 Datasheet HTML 7Page - Torex Semiconductor XC8107_13 Datasheet HTML 8Page - Torex Semiconductor XC8107_13 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3/27
XC8107
Series
PRODUCT CLASSIFICATION
Ordering Information
XC8107①②③④⑤⑥-⑦
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
A
CE Logic
B
C
Protection Circuits Type
D
Refer to Selection Guide
05
0.5A
10
1.0A
15
1.5A
③④
Maximum Output Current
20
2.0A
ER-G
USP-6C (3,000/Reel)
⑤⑥-⑦ (*1)
Packages
MR-G
SOT-25 (3,000/Reel)
Selection Guide
TYPE
CE LOGIC SELECTABLE
SOFT-START
CURRENT
LIMITTER
AC
Active High
Yes
Yes
AD
Active High
Yes
Yes
BC
Active Low
Yes
Yes
BD
Active Low
Yes
Yes
TYPE
UVLO
FLG OUTPUT
REVERSE CURRENT
PREVENTION
AC
Yes
Yes
Yes
AD
Yes
Yes
Yes
BC
Yes
Yes
Yes
BD
Yes
Yes
Yes
TYPE
THERMAL
SHUT DOWN
LATCH
PROTECTION
AC
Yes
No
AD
Yes
Yes
BC
Yes
No
BD
Yes
Yes
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.


Similar Part No. - XC8107_13

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8107-13 TOREX-XC8107-13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
More results

Similar Description - XC8107_13

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8109 TOREX-XC8109 Datasheet
678Kb / 26P
   85m廓 High Function Power Switch
XC8107-13 TOREX-XC8107-13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
XC8108 TOREX-XC8108_13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8107 TOREX-XC8107 Datasheet
695Kb / 27P
   85m廓 High Function Power Switch
XC8108 TOREX-XC8108 Datasheet
658Kb / 25P
   85m廓 High Function Power Switch
XC8108-13 TOREX-XC8108-13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
   High Function Power Switch
XC8108 TOREX-XC8108_15 Datasheet
660Kb / 25P
   High Function Power Switch
logo
SeCoS Halbleitertechnol...
SSF7400 SECOS-SSF7400 Datasheet
428Kb / 4P
   30V , 1.7A , RDS(ON) 85m廓 N-Ch Enhancement Mode Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM9701C HMSEMI-HM9701C Datasheet
523Kb / 4P
   100m廓 power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com