Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9401A605MR-G Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC9401A605MR-G
Description  Off-line Controllers for LED Lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9401A605MR-G Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC9401A605MR-G Datasheet HTML 6Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 7Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 8Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 9Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 10Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 11Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 12Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 13Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10/19
XC9401Series
OPERATIONAL EXPLANATION (Continued)
Details of each circuit block are as follows.
<Reference voltage supply (VREF)>
Reference voltage that enables stable operation of the internal functions of the IC.
<PWM comparator (PWMCMP)>
With type A, the PWM comparator compares the voltage at the ISEN pin to that at the VSINE pin x 0.2783 (TYP.) When the ISEN
pin voltage is higher than VSINE x 0.2783, the GATE pin switches to low.
With type B, the PWM comparator compares the 0.343V (TYP.), which is 0.2783 times (TYP.) the reference voltage, to the ISEN
pin voltage.
<Buffer drive circuit (Buffer Drive)>
This outputs an H or L signal from the GATE pin that drives the external Power MOS FET. The H level is the VDD pin voltage,
and the L level is the GND pin voltage. The signal that is output is determined by the PWM comparator, as well as by the below
described UVLO circuit, VDD over-voltage protection circuit, over-current protection circuit, thermal shutdown, and EN/DIM pin
voltage.
<Enable / PWM Dimming (EN/DIM)>
When the power is turned on, it takes about 200μs (MAX.) for the GATE pin to initially become “H” after the EN/DIM pin
voltage is changed from “L” to “H”.
Inputting “L” to the EN/DIM pin voltage forcibly puts the GATE pin voltage in the “L” state. The stopped state when the EN/DIM
pin voltage is “L” is not shutdown; rather, it is a Stand-by state wherein the switching pulse output is stopped by logic circuit and
the internal circuitry continues to operate. For this reason, a high-speed response is possible even when a pulse signal (500 Hz
to 1 kHz) is input to the EN/DIM pin, and by adjusting the duty width of the PWM signal input into the EN/DIM pin, the LED can
be dimmed.
< Minimum on time controller circuit >
Spike noise and ripple noise occur in the XC9401 series due to switching. To prevent malfunction of the internal circuit by such
noises, a minimum on time is established. The GATE pin voltage is forcibly kept at “H” until the minimum on time elapses. (Refer
to Fig. 2.)
During the minimum on time, if the below described UVLO, OVP or thermal shutdown is detected, or if the Stand-by state is set
from the EN/DIM pin, the GATE pin voltage is immediately changed to “L”.
<Off Time Controller>
This circuit controls the fixed off time. The off time is normally fixed at 6μs (TYP.), and the GATE pin voltage is kept at “L”
during this time. After the fixed off time, the GATE pin voltage becomes “H”. (Refer to Fig. 2.)
If the EN/DIM pin voltage is changed from “L” to “H” during the above PWM dimming, the off time is 140μs (TYP.) during the
over-current protection and ULVO release described below.
Fig.2. Off Time Controller, Min. On Time Controller


Similar Part No. - XC9401A605MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9401A605MR-G TOREX-XC9401A605MR-G Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
More results

Similar Description - XC9401A605MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9401-13 TOREX-XC9401-13 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401_15 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
logo
Power Integrations, Inc...
LYT0002 POWERINT-LYT0002 Datasheet
2Mb / 18P
   Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications
LYT0002 POWERINT-LYT0002_V01 Datasheet
1Mb / 18P
   Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications
June 2015
logo
Analog Devices
ADP3810 AD-ADP3810_15 Datasheet
5Mb / 14P
   SECONDARY SIDE OFF LINE BATTERY CHARGER CONTROLLERS
REV. 0
ADP3810 AD-ADP3810 Datasheet
457Kb / 16P
   Secondary Side, Off-Line Battery Charger Controllers
REV. 0
logo
Sanken electric
STR5A450 SANKEN-STR5A450 Datasheet
900Kb / 32P
   For Non-Isolated Off-Line PWM Controllers with Integrated Power MOSFET
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com