Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC8107BC10ER-G Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC8107BC10ER-G
Description  85m廓 High Function Power Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8107BC10ER-G Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC8107BC10ER-G Datasheet HTML 2Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 3Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 4Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 5Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 6Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 7Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 8Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 9Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6/27
XC8107 Series
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Input Voltage
VIN
-
2.5
-
5.5
V
VIN=3.3V
(*1)
-
100
110
mΩ
USP-6C
VIN=5.0V
(*1)
-
85
104
mΩ
VIN=3.3V
(*1)
-
115
135
mΩ
On Resistance
RON
SOT-25
VIN=5.0V
(*1)
-
100
120
mΩ
Supply Current
ISS
VOUT=OPEN
-
40
75
μ
A
Stand-by Current
ISTBY
VIN=5.5V, VOUT=OPEN
VCE=VSS (XC8107A series)
VCE=VIN (XC8107B series)
-
0.01
1.0
μ
A
Switch Leakage Current
ILEAK
VIN=5.5V, VOUT=0V
VCE=VSS (XC8107A series)
VCE=VIN (XC8107B series)
-
0.01
1.0
μ
A
VOUT=VIN-0.3V,
XC8107xx05 series
0.81
0.90
0.99
A
VOUT=VIN-0.3V,
XC8107xx10 series
1.26
1.40
1.54
A
VOUT=VIN-0.3V,
XC8107xx15 series
1.71
1.90
2.09
A
Current Limit
ILIMT
VOUT=VIN-0.3V,
XC8107xx20 series
2.16
2.40
2.64
A
VOUT=0V,
XC8107xx05 series
-
0.45
-
A
VOUT=0V,
XC8107xx10 series
-
0.70
-
A
VOUT=0V,
XC8107xx15 series
-
0.95
-
A
Short-Circuit Current
ISHORT
VOUT=0V,
XC8107xx20 series
-
1.20
-
A
Current Limit Circuit
Response Time
(*2)
tCLR
VIN=5.0V, VOUT: OPEN→0V
Measure from VOUT=0V
to when current falls below
a certain ILIM value
-
2.0
-
μ
s
VIN=5.5V, XC8107A series
1.5
-
5.5
CE "H" Level Voltage
VCEH
VIN=5.5V, XC8107B series
-
-
0.8
V
VIN=5.5V, XC8107A series
-
-
0.8
CE "L" Level Voltage
VCEL
VIN=5.5V, XC8107B series
1.5
-
5.5
V
CE "H" Level Current
ICEH
VIN=5.5V, VCE=5.5V
-0.1
-
0.1
μ
A
CE "L" Level Current
ICEL
VIN=5.5V, VCE=0V
-0.1
-
0.1
μ
A
UVLO Detected Voltage
VUVLOD
VIN: 2.2V→1.7V
1.8
1.9
2.0
V
UVLO Released Voltage
VUVLOR
VIN: 1.7V→2.2V
1.9
2.0
2.1
V
UVLO Hysteresis
VUHYS
-
-
0.1
-
V
NOTE:
Unless otherwise stated, VIN=5.0V, IOUT=1mA, VCE=VIN (XC8107A series) or VCE=VSS (XC8107B series)
(*1) IOUT=0.25A (XC8107xx05 series), IOUT=0.5A (XC8107xx10 series), IOUT=0.75A (XC8107xx15series), IOUT=1.0A (XC8107xx20 series)
(*2) Design reference value. This parameter is provided only for reference.
Ta=25℃


Similar Part No. - XC8107BC10ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8107 TOREX-XC8107 Datasheet
695Kb / 27P
   85m廓 High Function Power Switch
XC8107-13 TOREX-XC8107-13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
   High Function Power Switch
More results

Similar Description - XC8107BC10ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8109 TOREX-XC8109 Datasheet
678Kb / 26P
   85m廓 High Function Power Switch
XC8107-13 TOREX-XC8107-13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
XC8108 TOREX-XC8108_13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8107 TOREX-XC8107 Datasheet
695Kb / 27P
   85m廓 High Function Power Switch
XC8108 TOREX-XC8108 Datasheet
658Kb / 25P
   85m廓 High Function Power Switch
XC8108-13 TOREX-XC8108-13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
   High Function Power Switch
XC8108 TOREX-XC8108_15 Datasheet
660Kb / 25P
   High Function Power Switch
logo
SeCoS Halbleitertechnol...
SSF7400 SECOS-SSF7400 Datasheet
428Kb / 4P
   30V , 1.7A , RDS(ON) 85m廓 N-Ch Enhancement Mode Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM9701C HMSEMI-HM9701C Datasheet
523Kb / 4P
   100m廓 power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com