Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP151A11B0MR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XP151A11B0MR
Description  Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP151A11B0MR Datasheet(HTML) 2 Page - Torex Semiconductor

  XP151A11B0MR Datasheet HTML 1Page - Torex Semiconductor XP151A11B0MR Datasheet HTML 2Page - Torex Semiconductor XP151A11B0MR Datasheet HTML 3Page - Torex Semiconductor XP151A11B0MR Datasheet HTML 4Page - Torex Semiconductor XP151A11B0MR Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
XP151A11B0MR-G
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Drain Cut-Off Current
Idss
Vds= 30V, Vgs= 0V
-
-
10
μA
Gate-Source Leak Current
Igss
Vgs= ±20V, Vds= 0V
-
-
±10
μA
Gate-Source Cut-Off Voltage
Vgs(off)
Id= 1mA, Vds= 10V
1.0
-
3.0
V
Id= 0.5A, Vgs= 10V
-
0.09
0.12
Ω
Drain-Source On-State Resistance *1
Rds(on)
Id= 0.5A, Vgs= 4.5V
-
0.13
0.17
Ω
Forward Transfer Admittance *1
| Yfs |
Id= 0.5A, Vds= 10V
-
2.4
-
S
Body Drain Diode
Forward Voltage
Vf
If= 1A, Vgs= 0V
-
0.8
1.1
V
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Thermal Resistance
(Channel-Ambience)
Rth (ch-a)
Implement on a ceramic PCB
-
250
-
℃/W
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Capacitance
Ciss
-
150
-
pF
Output Capacitance
Coss
-
90
-
pF
Feedback Capacitance
Crss
Vds= 10V, Vgs=0V
f=1MHz
-
30
-
pF
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Turn-On Delay Time
td (on)
-
10
-
ns
Rise Time
tr
-
15
-
ns
Turn-Off Delay Time
td (off)
-
25
-
ns
Fall Time
tf
Vgs= 5V, Id= 0.5A
Vdd= 10V
-
45
-
ns
■ELECTRICAL CHARACTERISTICS
DC Characteristics
Ta = 25℃
*1 Effective during pulse test.
Ta = 25℃
Switching Characteristics
Thermal Characteristics
Dynamic Characteristics
Ta = 25℃


Similar Part No. - XP151A11B0MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP151A11B0MR TOREX-XP151A11B0MR Datasheet
139Kb / 4P
   POWER MOS FET
XP151A11B0MR TOREX-XP151A11B0MR Datasheet
430Kb / 5P
   Power MOSFET
logo
ZP Semiconductor
XP151A11B0MR ZPSEMI-XP151A11B0MR Datasheet
177Kb / 2P
   Power MOSFET
logo
VBsemi Electronics Co.,...
XP151A11B0MR VBSEMI-XP151A11B0MR Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Torex Semiconductor
XP151A11B0MR-12 TOREX-XP151A11B0MR-12 Datasheet
299Kb / 5P
   Power MOSFET
More results

Similar Description - XP151A11B0MR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com