Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCM406AA04DR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XCM406AA04DR
Description  700mA High Speed Dual LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM406AA04DR Datasheet(HTML) 5 Page - Torex Semiconductor

  XCM406AA04DR Datasheet HTML 1Page - Torex Semiconductor XCM406AA04DR Datasheet HTML 2Page - Torex Semiconductor XCM406AA04DR Datasheet HTML 3Page - Torex Semiconductor XCM406AA04DR Datasheet HTML 4Page - Torex Semiconductor XCM406AA04DR Datasheet HTML 5Page - Torex Semiconductor XCM406AA04DR Datasheet HTML 6Page - Torex Semiconductor XCM406AA04DR Datasheet HTML 7Page - Torex Semiconductor XCM406AA04DR Datasheet HTML 8Page - Torex Semiconductor XCM406AA04DR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
XCM406
Series
E-0
E-1
E-2
E-3
E-4
PARAMETER
NOMINAL
OUTPUTVOLTAGE
OUTPUT
VOLTAGE
(V)
DROPOUT
VOLTAGE 1 (mV)
(IOUT=30mA)
DROPOUT
VOLTAGE 2 (mV)
(IOUT=100mA)
SUPPLY CURRENT
(μA)
EN “H” LEVEL
CURRENT
(μA)
VOUT
Vdif1
Vdif2
IDD
IENH
VOUT(T)
MIN
MAX
TYP
MAX
TYP
MAX
TYP
MAX
MIN
MAX
0.80
0.770
.0830
0.85
0.820
0.880
700
800
0.90
0.870
0.930
0.95
0.920
0.980
100
600
250
700
38.0
60.0
1.50
5.00
1.00
0.970
1.030
1.05
1.020
1.080
500
600
1.10
1.070
1.130
1.15
1.120
1.180
50
400
150
500
1.20
1.170
1.230
1.25
1.220
1.280
300
400
1.30
1.270
1.330
1.35
1.320
1.380
200
300
1.40
1.370
1.430
1.45
1.420
1.480
30
100
100
250
38.5
61.5
2.00
6.50
1.50
1.470
1.530
1.55
1.519
1.581
1.60
1.568
1.632
1.65
1.617
1.683
1.70
1.666
1.734
1.75
1.715
1.785
1.80
1.764
1.836
1.85
1.813
1.887
1.90
1.862
1.938
1.95
1.911
1.989
27
41
90
135
39.0
63.0
2.50
8.00
2.00
1.960
2.040
2.05
2.009
2.091
2.10
2.058
2.142
2.15
2.107
2.193
2.20
2.156
2.244
2.25
2.205
2.295
2.30
2.254
2.346
2.35
2.303
2.397
2.40
2.352
2.448
2.45
2.401
2.499
25
37
80
120
39.5
64.5
3.00
9.50
2.50
2.450
2.550
2.55
2.499
2.601
2.60
2.548
2.652
2.65
2.597
2.703
2.70
2.646
2.754
2.75
2.695
2.805
2.80
2.744
2.856
2.85
2.793
2.907
2.90
2.842
2.958
2.95
2.891
3.009
18
28
60
90
40.0
66.0
3.50
11.00
Voltage Chart 1
ELECTRICAL CHARACTERISTICS(Continued)


Similar Part No. - XCM406AA04DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM406AA04DR TOREX-XCM406AA04DR Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
More results

Similar Description - XCM406AA04DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
XCM406 TOREX-XCM406 Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com