Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCM406AA03DR-G Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XCM406AA03DR-G
Description  700mA High Speed Dual LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM406AA03DR-G Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XCM406AA03DR-G Datasheet HTML 3Page - Torex Semiconductor XCM406AA03DR-G Datasheet HTML 4Page - Torex Semiconductor XCM406AA03DR-G Datasheet HTML 5Page - Torex Semiconductor XCM406AA03DR-G Datasheet HTML 6Page - Torex Semiconductor XCM406AA03DR-G Datasheet HTML 7Page - Torex Semiconductor XCM406AA03DR-G Datasheet HTML 8Page - Torex Semiconductor XCM406AA03DR-G Datasheet HTML 9Page - Torex Semiconductor XCM406AA03DR-G Datasheet HTML 10Page - Torex Semiconductor XCM406AA03DR-G Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
XCM406
Series
TEST CIRCUITS
●測定回路1
V
A
V
C
L
V
IN
EN
V
OUT
V
SS
R
L
V
EN
C
IN
V
IN
●測定回路2
V
IN
EN
V
OUT
V
SS
V
IN
A
C
L
V
IN
EN
V
OUT
V
SS
●測定回路3
V
I
OUT=30mA
V
R
L
A
Circuit ③
Circuit ②
Circuit ①


Similar Part No. - XCM406AA03DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM406AA03DR TOREX-XCM406AA03DR Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
More results

Similar Description - XCM406AA03DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
XCM406 TOREX-XCM406 Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com