Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC8107BC10MR-G Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC8107BC10MR-G
Description  85m廓 High Function Power Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8107BC10MR-G Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC8107BC10MR-G Datasheet HTML 6Page - Torex Semiconductor XC8107BC10MR-G Datasheet HTML 7Page - Torex Semiconductor XC8107BC10MR-G Datasheet HTML 8Page - Torex Semiconductor XC8107BC10MR-G Datasheet HTML 9Page - Torex Semiconductor XC8107BC10MR-G Datasheet HTML 10Page - Torex Semiconductor XC8107BC10MR-G Datasheet HTML 11Page - Torex Semiconductor XC8107BC10MR-G Datasheet HTML 12Page - Torex Semiconductor XC8107BC10MR-G Datasheet HTML 13Page - Torex Semiconductor XC8107BC10MR-G Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10/27
XC8107 Series
OPERATIONAL EXPLANATION (Continued)
<Current limiter, short-circuit protection>
When the output current reaches the current limit value, the constant current limiter circuit activates and as a result, the
output voltage goes down.
If the short circuit comes at the VOUT pin, the output current is limited to the current which is specified as the short-circuit current
value. If the over-current state lasts for 7.5ms (TYP.), the FLG pin changes to Low level output.
Two types are available for the current limiter circuit: an auto recovery type (product type C) and a latch off type (product type
D). After the current limiter circuit activates and the FLG pin outputs low level, the operation is different between these two
types.
The auto recovery type continuously limits the output current by the current limit value.
When the over-current status finishes and the status of that the output current is less than the current limit value continues for
7.5ms (TYP.) or more, the voltage of FLG pin goes up “H” level again.
The latch off type turns off the power switch transistor after the FLG pin outputs Low level. The off state is maintained
regardless of whether the over-current state is released.
Latch operation is released by turning off the IC with the CE pin signal and then restarting, or by lowering the input voltage
below the UVLO detected voltage once and after that raising it higher than UVLO released voltage.
<Reverse current prevention>
An internal circuit is built in that prevents reverse current from the VOUT pin to the VIN pin.
When the difference between input voltage and VOUT pin voltage is higher than the detect voltage set internally, the reverse
current prevention circuit activates, and the power switch transistor turns off, then the reverse current from the VOUT pin to the
VIN pin is reduced to 0.1μA (TYP.).
If the reverse-voltage state lasts for 4ms (TYP.), the FLG pin changes to Low level output.
Two types are available for the reverse current prevention circuit: the auto recovery type (product type C) and the latch off
type (product type D). After the reverse current prevention circuit activates and the FLG pin outputs low level, the operation is
different between these two types.
On the auto recovery type, when the output voltage drops below the input voltage, the reverse current prevention circuit stops
immediately, and the power switch transistor turns on again. If the output voltage remains lower than the input voltage for 4ms
(TYP.), the FLG pin returns to High level output.
On the latch off type, the power switch transistor remains in the off state even if the reverse voltage state is released.
Latch operation is released by turning off the IC with the CE pin signal and then restarting, or by lowering the input voltage
below the UVLO detected voltage once and after that raising it higher than UVLO released voltage.


Similar Part No. - XC8107BC10MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8107 TOREX-XC8107 Datasheet
695Kb / 27P
   85m廓 High Function Power Switch
XC8107-13 TOREX-XC8107-13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
   High Function Power Switch
More results

Similar Description - XC8107BC10MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8109 TOREX-XC8109 Datasheet
678Kb / 26P
   85m廓 High Function Power Switch
XC8107-13 TOREX-XC8107-13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
XC8108 TOREX-XC8108_13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8107 TOREX-XC8107 Datasheet
695Kb / 27P
   85m廓 High Function Power Switch
XC8108 TOREX-XC8108 Datasheet
658Kb / 25P
   85m廓 High Function Power Switch
XC8108-13 TOREX-XC8108-13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
   High Function Power Switch
XC8108 TOREX-XC8108_15 Datasheet
660Kb / 25P
   High Function Power Switch
logo
SeCoS Halbleitertechnol...
SSF7400 SECOS-SSF7400 Datasheet
428Kb / 4P
   30V , 1.7A , RDS(ON) 85m廓 N-Ch Enhancement Mode Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM9701C HMSEMI-HM9701C Datasheet
523Kb / 4P
   100m廓 power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com