Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXBV8V4720V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EXBV8V4720V
Description  Chip Resistor Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXBV8V4720V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EXBV8V4720V Datasheet HTML 1Page - Panasonic Semiconductor EXBV8V4720V Datasheet HTML 2Page - Panasonic Semiconductor EXBV8V4720V Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Chip Resistor Array
– 31 –
E
1
X
2
B
3
V
4
8
5
V
6
4
7
7
8
2
9
J
10
V
11
Thick Film
Chip Resistor
Networks
Chip Resistor Array
Type: inch
Product Code
0201 Array
0402 Array
0603 Array
0402 Array
0603 Array
0805 Array
1
2
3
N
V
S
4
8
H
4 Terminal
8 Terminal
16 Terminal
No. of Terminal
Schematics
V
Isolated
type
The first two digits are
significant figures of
resistance value and
the third one denotes
the number of zeros
following. Jumper is
expressed by R00
Resistance Value
Example : 222
2.2 k
Resistance
Tolerance
J
0
±5%
Jumper
Convex
Terminal
Concave
Terminal
Packaging Methods
Code
Nil
X
V
Packaging
Type
Embossed Carrier Taping
4mm pitch, 2,500 pcs.
Punched Carrier Taping
2mmpitch, 10,000 pcs.
Punched Carrier Taping
4mm pitch, 5,000 pcs.
EXBS8V
EXB14V, 18V,
24V, 28V, N8V
EXB2HV, 34V,
38V, V4V, V8V
Protective coating
Thick film
resistive element
Electrode (Inner)
Electrode (Between)
Electrode (Outer)
Alumina substrate
43
12
8
1
7
2
6
3
5
4
16
1
15
2
14
3
13
4
12
5
11
6
10
7
9
8
Construction (Example : Concave Terminal)
Schematics
● Isolated type
14V, 24V, 34V, V4V
18V, 28V, N8V, 38V, V8V, S8V
2 resistors
4 resistors
2HV
8 resistors
Features
● High density
2 resistors in 0.8 mm
0.6 mm size (EXB14V)
4 resistors in 1.4 mm
0.6 mm size (EXB18V)
2 resistors in 1.0 mm
1.0 mm size (EXB24V)
4 resistors in 2.0 mm
1.0 mm size (EXB28V, N8V)
8 resistors in 3.8 mm
1.6 mm size (EXB2HV)
2 resistors in 1.6 mm
1.6 mm size (EXB34V, V4V)
4 resistors in 3.2 mm
1.6 mm size (EXB38V, V8V)
4 resistors in 5.1 mm
2.2 mm size (EXBS8V)
● Improvement of placement efficiency
Placement efficiency of Chip Resistor Array is two, four or eight times of the flat type chip resistor
● Reference Standard…IEC 60115-9, JIS C 5201-9, EIAJ RC-2129
Type:
EXB1 : 0201 Array
EXB2 : 0402 Array
EXB3 : 0603 Array
EXBN : 0402 Array
EXBV : 0603 Array
EXBS : 0805 Array
Explanation of Part Numbers
Chip Resistor Array
■Packaging Methods
Please see Pages 40 to 43
■Recommended Land Pattern
Please see Pages 44 to 45
■Recommended Soldering Conditions
Please see Page 46
■Safety Precautions
Please see Page 47
Sep. 2010
00
● RoHS compliant


Similar Part No. - EXBV8V4720V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXBV8V4720V PANASONIC-EXBV8V4720V Datasheet
434Kb / 5P
   Chip Resistor Array
EXBV8V4720V PANASONIC-EXBV8V4720V Datasheet
109Kb / 3P
   Chip Resistor Array
EXBV8V4720V PANASONIC-EXBV8V4720V Datasheet
109Kb / 3P
   Chip Resistor Array
EXBV8V4720V PANASONIC-EXBV8V4720V Datasheet
109Kb / 3P
   Chip Resistor Array
EXBV8V4720V PANASONIC-EXBV8V4720V Datasheet
109Kb / 3P
   Chip Resistor Array
More results

Similar Description - EXBV8V4720V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
logo
Panasonic Semiconductor
EXB-28V470JX PANASONIC-EXB-28V470JX Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-38V152JV PANASONIC-EXB-38V152JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-2HV151JV PANASONIC-EXB-2HV151JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V_10 Datasheet
117Kb / 3P
   Chip Resistor Array
EXB-38V183JV PANASONIC-EXB-38V183JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-V8V330JV PANASONIC-EXB-V8V330JV Datasheet
109Kb / 3P
   Chip Resistor Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com