Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM422B11H102KA01D Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # GRM422B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM422B11H102KA01D Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button GRM422B11H102KA01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM422B11H102KA01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM422B11H102KA01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM422B11H102KA01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM422B11H102KA01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM422B11H102KA01D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM422B11H102KA01D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM422B11H102KA01D Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM422B11H102KA01D Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 221 page
background image
For General Purpose GRM Series
8
Specifications and Test Methods
51
Reference Data
61
Capacitor Array GNM Series
64
Specifications and Test Methods
70
Low ESL LLL/LLR/LLA/LLM Series
76
Specifications and Test Methods
83
High-Q Type GJM Series
87
Specifications and Test Methods
97
High Frequency GQM Series
100
Specifications and Test Methods
108
Reference Data
111
Monolithic Microchip GMA Series
112
Specifications and Test Methods
115
For Bonding GMD Series
119
Specifications and Test Methods
124
Package
128
!Caution
132
Notice
144
Reference Data
151
Chip Monolithic Ceramic Capacitors
1
2
3
4
5
6
7
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20


Similar Part No. - GRM422B11H102KA01D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GRM42-2X7R105K050AL NXP-GRM42-2X7R105K050AL Datasheet
686Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
GRM42-2X7R105K050AL NXP-GRM42-2X7R105K050AL Datasheet
556Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
logo
Skyworks Solutions Inc.
GRM42-6X5R106K6.3 SKYWORKS-GRM42-6X5R106K6.3 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
AUK corp
GRM42-6X5R475K010 AUK-GRM42-6X5R475K010 Datasheet
365Kb / 6P
   Low Drop Output Voltage Regulator
logo
Impala Linear Corporati...
GRM42-6X5R475K10 IMPALA-GRM42-6X5R475K10 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
More results

Similar Description - GRM422B11H102KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com