Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9142BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 4Page - Analog Devices AD9142BCPZ Datasheet HTML 5Page - Analog Devices AD9142BCPZ Datasheet HTML 6Page - Analog Devices AD9142BCPZ Datasheet HTML 7Page - Analog Devices AD9142BCPZ Datasheet HTML 8Page - Analog Devices AD9142BCPZ Datasheet HTML 9Page - Analog Devices AD9142BCPZ Datasheet HTML 10Page - Analog Devices AD9142BCPZ Datasheet HTML 11Page - Analog Devices AD9142BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
AD9142
Data Sheet
Rev. 0 | Page 8 of 64
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
NOISE SPECTRAL DENSITY (NSD)
Eight-tone, 500 kHz tone spacing
fDAC = 737.28 MSPS
fOUT = 200 MHz
−160
dBm/Hz
fDAC = 983.04 MSPS
fOUT = 200 MHz
−161.5
dBm/Hz
fDAC = 1228.8 MSPS
fOUT = 280 MHz
−164.5
dBm/Hz
fDAC = 1474.56 MSPS
fOUT = 10 MHz
−166
dBm/Hz
fOUT = 280 MHz
−162.5
dBm/Hz
W-CDMA ADJACENT CHANNEL LEAKAGE RATIO (ACLR)
Single carrier
fDAC = 983.04 MSPS
fOUT = 200 MHz
81
dBc
fDAC = 1228.8 MSPS
fOUT = 20 MHz
83
dBc
fOUT = 280 MHz
80
dBc
fDAC = 1474.56 MSPS
fOUT = 20 MHz
81
dBc
fOUT = 280 MHz
80
dBc
W-CDMA SECOND (ACLR)
Single carrier
fDAC = 983.04 MSPS
fOUT = 200 MHz
85
dBc
fDAC = 1228.8 MSPS
fOUT = 20 MHz
86
dBc
fOUT = 280 MHz
86
dBc
fDAC = 1474.56 MSPS
fOUT = 20 MHz
86
dBc
fOUT = 280 MHz
85
dBc
OPERATING SPEED SPECIFICATIONS
Table 6.
Interpolation
Factor
DVDD18, CVDD18 = 1.8 V ± 5%
DVDD18, CVDD18 = 1.8 V ± 2% or 1.9 V ± 5%
fINTERFACE (Mbps) Max
fDAC (Mbps) Max
fINTERFACE (Mbps) Max
fDAC (Mbps) Max
250
500
250
500
250
1000
250
1000
187.5
1500
200
1600


Similar Part No. - AD9142BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142A-M5372-EBZ AD-AD9142A-M5372-EBZ Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142A-M5375-EBZ AD-AD9142A-M5375-EBZ Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142ABCPZ AD-AD9142ABCPZ Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142ABCPZRL AD-AD9142ABCPZRL Datasheet
1Mb / 73P
   Multiple chip synchronization
More results

Similar Description - AD9142BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com