Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM400E4G-130H Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # CM400E4G-130H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM400E4G-130H Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  CM400E4G-130H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM400E4G-130H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM400E4G-130H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM400E4G-130H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM400E4G-130H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM400E4G-130H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM400E4G-130H Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM400E4G-130H Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MITSUBISHI HVIGBT MODULES
CM400E2G-130H
HIGH POWER SWITCHING USE
INSULATED TYPE
3
th-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) MODULES
HVM-1049-B
7 of 8
PERFORMANCE CURVES
HALF-BRIDGE SWITCHING TIME
CHARACTERISTICS (TYPICAL)
0.01
0.1
1
10
100
10
100
1000
Collector Current [A]
tf
VCC = 3600V, VGE = ±15V
RG(on) = 15Ω, RG(off) = 50Ω
LS = 170nH, Tj = 125°C
Inductive load
tr
td(on)
td(off)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
1.2
0.001
0.01
0.1
1
10
Time [s]
Rth(j-c)Q = 21.0K/kW
Rth(j-c)R = 33.0K/kW
FREE-WHEEL DIODE REVERSE RECOVERY
CHARACTERISTICS (TYPICAL)
0.1
1
10
100
10
100
1000
Emitter Current [A]
10
100
1000
10000
trr
Irr
VCC = 3600V, VGE = ±15V
RG(on) = 15Ω, LS = 170nH
Tj = 125°C, Inductive load
⎪⎭
⎪⎩
=
=
exp
1
R
Z
i
t
n
1
i
i
)
c
j
(
th
)
t
(
τ
1234
Ri [K/kW] :
0.0096
0.1893
0.4044
0.3967
τi [sec] :
0.0001
0.0058
0.0602
0.3512


Similar Part No. - CM400E4G-130H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM400E2G-130H MITSUBISHI-CM400E2G-130H Datasheet
262Kb / 8P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM400E3Y6-24NFH POWEREX-CM400E3Y6-24NFH Datasheet
456Kb / 4P
   Chopper IGBTMOD NFH-Series Module 400 Amperes/1200 Volts
More results

Similar Description - CM400E4G-130H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com