Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

489D686X96R3D3AE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 489D686X96R3D3AE3
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D686X96R3D3AE3 Datasheet(HTML) 7 Page - Vishay Siliconix

  489D686X96R3D3AE3 Datasheet HTML 1Page - Vishay Siliconix 489D686X96R3D3AE3 Datasheet HTML 2Page - Vishay Siliconix 489D686X96R3D3AE3 Datasheet HTML 3Page - Vishay Siliconix 489D686X96R3D3AE3 Datasheet HTML 4Page - Vishay Siliconix 489D686X96R3D3AE3 Datasheet HTML 5Page - Vishay Siliconix 489D686X96R3D3AE3 Datasheet HTML 6Page - Vishay Siliconix 489D686X96R3D3AE3 Datasheet HTML 7Page - Vishay Siliconix 489D686X96R3D3AE3 Datasheet HTML 8Page - Vishay Siliconix 489D686X96R3D3AE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
489D, 499D
Vishay Sprague
Resin-Coated, Radial-Lead
Solid Tantalum Capacitors
www.vishay.com
For technical questions, contact: eurotant@vishay.com
Document Number: 42070
7
Revision: 12-Jun-06
GUIDE TO APPLICATION
1.
A-C Ripple Current: The maximum allowable ripple
current shall be determined from the formula:
where,
P =
Power Dissipation in Watts at + 25 °C as
given below
RESR =
The capacitor Equivalent Series
Resistance at the specified frequency.
2.
A-C Ripple Voltage: The maximum allowable ripple
voltage shall be determined from the formula:
where,
Z =
The capacitor Impedance at the specified
frequency.
3.
AC ripple current or voltage derating factor: If
these capacitors are to be operated at temperatures
above + 25 °C, the permissible rms ripple current or
voltage shall be calculated using the derating factors
in the table below:
4.
Power
dissipation:
Power
dissipation
will
be
affected by the heat sinking capability of the mounting
surface. Non-sinusoidal ripple current may produce
heating effects which differ from those shown in the
following table. It is important that the equivalent IRMS
value be established when calculating permissible
operating levels.
5.
Cleaning: These capacitors are compatible with all
commonly used solvents, such as TES, TMS, Prelete
and Chloretane. Solvents containing methylene
chloride or other epoxy solvents should be avoided
since these will attack the epoxy encapsulation
material.
TEMPERATURE
DERATING FACTOR
+ 25 °C
1.0
+ 55 °C
0.9
+ 85 °C
0.8
+ 125 °C
0.4
I
rms
P
R
ESR
----------------
=
V
rms
P
R
ESR
-----------------
Z
×
=
CASE CODE
POWER DISSIPATION
AT + 25 °C (WATTS)
A
0.080
B
0.090
C
0.100
D
0.110
E
0.120
F
0.130
H
0.140
M
0.150
N
0.160
R
0.180


Similar Part No. - 489D686X96R3D3AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D686X96R3D3AE3 VISHAY-489D686X96R3D3AE3 Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
More results

Similar Description - 489D686X96R3D3AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com