Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM600DY-12NF Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CM600DY-12NF
Description  Dual IGBTMOD NF-Series Module 600 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM600DY-12NF Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CM600DY-12NF Datasheet HTML 1Page - Powerex Power Semiconductors CM600DY-12NF Datasheet HTML 2Page - Powerex Power Semiconductors CM600DY-12NF Datasheet HTML 3Page - Powerex Power Semiconductors CM600DY-12NF Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dual IGBTMOD™
NF-Series Module
600 Amperes/600 Volts
CM600DY-12NF
Outline Drawing and Circuit Diagram
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
www.pwrx.com
1
Rev. 09/09
Description:
Powerex IGBTMOD™ Modules
are designed for use in switching
applications. Each module consists
of two IGBT Transistors in a half-
bridge configuration with each tran-
sistor having a reverse-connected
super-fast recovery free-wheel
diode. All components and
interconnects are isolated from
the heatsinking baseplate, offering
simplified system assembly and
thermal management.
Features:
£
Low Drive Power
£
Low VCE(sat)
£
Discrete Super-Fast Recovery
Free-Wheel Diode
£
Isolated Baseplate for Easy
Heat Sinking
Applications:
£
AC Motor Control
£
UPS
£
Battery Powered Supplies
Ordering Information:
Example: Select the complete
part module number you desire
from the table below -i.e.
CM600DY-12NF is a 600V
(VCES), 600 Ampere Dual
IGBTMOD™ Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 50)
CM
600
12
A
W
F
F
B
N
J
L
(4 PLACES)
D
M NUTS
(3 PLACES)
G
G
H
K
K
K
P
P
P
T THICK
U WIDTH
Q
Q
V
C
S
R
G2
E2
E1
G1
C1
E2
C2E1
TC MEASURED POINT
(BASEPLATE)
LABEL
C2E1
E2
C1
G2
E2
E1
G1
E
Dimensions
Inches
Millimeters
A
4.33
110.0
B
3.15
80.0
C
1.14+0.04/-0.002 29.0+1.0/-0.5
D
3.66±0.01
93.0±0.25
E
2.44±0.01
62.0±0.25
F
0.98
25.0
G
0.24
6.0
H
0.59
15.0
J
0.81
20.5
K
0.55
14.0
L
0.26 Dia.
Dia. 6.5
Dimensions
Inches
Millimeters
M
M6 Metric
M6
N
1.18
30.0
P
0.71
18.0
Q
0.28
7.0
R
0.83
21.2
S
0.33
8.5
T
0.02
0.5
U
0.110
2.8
V
0.16
4.0
W
0.85
21.5


Similar Part No. - CM600DY-12NF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM600DY-12NF MITSUBISHI-CM600DY-12NF Datasheet
266Kb / 3P
   HIGH POWER SWITCHING USE
CM600DY-12NF MITSUBISHI-CM600DY-12NF Datasheet
98Kb / 4P
   HIGH POWER SWITCHING USE
CM600DY-12NF MITSUBISHI-CM600DY-12NF Datasheet
97Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600DY-12NF MITSUBISHI-CM600DY-12NF_03 Datasheet
98Kb / 4P
   HIGH POWER SWITCHING USE
CM600DY-12NF MITSUBISHI-CM600DY-12NF_09 Datasheet
97Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM600DY-12NF

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM150DY-12NF POWEREX-CM150DY-12NF Datasheet
70Kb / 4P
   Dual IGBTMOD NF-Series Module 150 Amperes/600 Volts
CM300DY-12NF POWEREX-CM300DY-12NF Datasheet
69Kb / 4P
   Dual IGBTMOD NF-Series Module 300 Amperes/600 Volts
CM400DY-12NF POWEREX-CM400DY-12NF Datasheet
1Mb / 4P
   Dual IGBTMOD??NF-Series Module 400 Amperes/600 Volts
CM200DY-12NF POWEREX-CM200DY-12NF Datasheet
69Kb / 4P
   Dual IGBTMOD NF-Series Module 200 Amperes/600 Volts
CM150TL-12NF POWEREX-CM150TL-12NF Datasheet
537Kb / 4P
   Six IGBTMOD NF-Series Module 150 Amperes/600 Volts
CM75TL-12NF POWEREX-CM75TL-12NF Datasheet
536Kb / 4P
   Six IGBTMOD NF-Series Module 75 Amperes/600 Volts
CM600DU-12NFH POWEREX-CM600DU-12NFH Datasheet
620Kb / 6P
   Dual IGBTMOD NFH-Series Module 600 Amperes/600 Volts
QIS0660004 POWEREX-QIS0660004 Datasheet
640Kb / 5P
   Single IGBTMOD NX-Series Module 600 Amperes/600 Volts
CM600E3U-12NFH POWEREX-CM600E3U-12NFH Datasheet
440Kb / 4P
   Chopper IGBTMOD NFH-Series Module 600 Amperes/600 Volts
CM600HA-12H POWEREX-CM600HA-12H Datasheet
59Kb / 4P
   Single IGBTMOD 600 Amperes/600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com