Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA2189SR Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFPA2189SR
Description  GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2189SR Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFPA2189SR Datasheet HTML 3Page - RF Micro Devices RFPA2189SR Datasheet HTML 4Page - RF Micro Devices RFPA2189SR Datasheet HTML 5Page - RF Micro Devices RFPA2189SR Datasheet HTML 6Page - RF Micro Devices RFPA2189SR Datasheet HTML 7Page - RF Micro Devices RFPA2189SR Datasheet HTML 8Page - RF Micro Devices RFPA2189SR Datasheet HTML 9Page - RF Micro Devices RFPA2189SR Datasheet HTML 10Page - RF Micro Devices RFPA2189SR Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
RFPA2189
DS110420
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
2110MHz to 2170MHz Application Circuit
Evaluation Board Bill of Materials (BOM)
2110MHz to 2170MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
PCB
PA2189411(A)
GaAs HBT Power Amplifier
U1
RFMD
RFPA2189
CAP, 10uF, 20%, 10V, TANT-A
C1
Kemet
T491A106M010AT
CAP, 1000pF, 10%, 50V, X7R, 0603
C4
Panasonic
ECJ-1VB1H102K
CAP, 0.1uF, 10%, 16V, X7R, 0603
C3
Murata Electronics
GRM188R71C104KA01D
CAP, 10pF, 5%, 50V, C0G, 0603
C5
Johanson Technology
500R14N100JV4
CAP, 1.8pF, +/-0.1pF, 50V, C0G, 0402
C6
Murata Electronics
GRM1555C1H1R8BZ01E
CAP, 3pF, +/-0.1pF, 50V, C0G, 0402
C7
Murata Electronics
GRM1555C1H3R0BZ01E
CAP, 1pF, +/-0.1pF, 50V, HI-Q, 0402
C8
Johanson Technology
500R07S1R0BV4TD
CAP, 2.2pF, +/-0.1pF, 50V, HI-Q, 0402
C9
Johanson Technology
500R07S2R2BV4TD
CONN, SMA, END LNCH, MINI, FLT, 0.068"
J1, J2
Emerson Networks
142-0741-851
IND, 24nH, 5%, W/W, 0603
L1
Coilcraft, Inc.
0603HC-24NXJLW
CONN, HDR, ST, PLRZD, 2-PIN, 0.100"
P1
ITW Pancon
MPSS100-2-C
RES, 750
, 1%, 1/16W, 0402
R2
Panasonic
ERJ-2RKF7500X
DNP
R1, C2, J3, J4
J1
RFIN
J2
RFOUT
C1
10uF
C5
10pF
L1
24nH
1
2
P1
HDR_1X2
C4
1000pF
VCC
GND
VCC
C3
0.1uF
C6
1.8pF
C7
3.0pF
R2
750Ω
C8
1.0pF
C9
2.2pF
GND
4
RFIN
2
RFOUT
3
U1
GND
1


Similar Part No. - RFPA2189SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2189SR RFMD-RFPA2189SR Datasheet
792Kb / 11P
   GaAs HBT POWER AMPLIFIER
More results

Similar Description - RFPA2189SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
   GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
   RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
logo
RF Micro Devices
RFPA2545 RFMD-RFPA2545 Datasheet
2Mb / 19P
   Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SXB4089Z RFMD-SXB4089Z Datasheet
780Kb / 11P
   400MHz to 2500MHz 쩍W MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com