Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

489D686X96R3D4CE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 489D686X96R3D4CE3
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D686X96R3D4CE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  489D686X96R3D4CE3 Datasheet HTML 1Page - Vishay Siliconix 489D686X96R3D4CE3 Datasheet HTML 2Page - Vishay Siliconix 489D686X96R3D4CE3 Datasheet HTML 3Page - Vishay Siliconix 489D686X96R3D4CE3 Datasheet HTML 4Page - Vishay Siliconix 489D686X96R3D4CE3 Datasheet HTML 5Page - Vishay Siliconix 489D686X96R3D4CE3 Datasheet HTML 6Page - Vishay Siliconix 489D686X96R3D4CE3 Datasheet HTML 7Page - Vishay Siliconix 489D686X96R3D4CE3 Datasheet HTML 8Page - Vishay Siliconix 489D686X96R3D4CE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 42070
For technical questions, contact: eurotant@vishay.com
www.vishay.com
Revision: 12-Jun-06
2
489D, 499D
Resin-Coated, Radial-Lead
Solid Tantalum Capacitors
Vishay Sprague
LEAD STYLE
STANDARD RATINGS, CASE CODES AND LEAD STYLE
CR
µF
RATED VOLTAGE UR AT + 85 °C
LEAD STYLE
3.0 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
BULK
AMMO/REEL
0.10
A
A
0.15
A
A
0.22
A
A
0.33
A
B
0.47
A
B
1 - 2
0.68
B
C
6 - 9
2 - 6
1.0
A
B
D
1.5
A
B
C
E
2.2
A
B
B
C
F
3.3
A
B
C
C
D
F
4.7
A
A
B
C
C
D
H
6.8
A
A
B
C
D
D
E
N
10
B
B
B
C
D
D
F
N
3 - 4 - 9
4
15
B
B
C
D
E
E
M
N
22
C
C
C
D
F
H
M
N
33
C
C
D
E
H
M
N
47
D
D
D
F
M
M
N
68
D
D
E
M
N
N
100
E
E
M
N
N
150
H
M
M
N
220
M
M
N
R
330
N
N
R
470
N
R
680
R
R
LEAD STYLE 1:
Straight leads,
2.5 mm Lead Space,
Uneven Length
LEAD STYLE 3:
Straight leads,
5 mm Lead Space,
Uneven Length
LEAD STYLE 2:
Straight leads,
2.5 mm Lead Space,
Even Length
LEAD STYLE 4:
Straight leads,
5 mm Lead Space,
Even Length
LEAD STYLE 6:
Shouldered leads,
5 mm Lead Space
LEAD STYLE 9:
Snap-In leads,
5 mm Lead Space


Similar Part No. - 489D686X96R3D4CE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D686X96R3D4CE3 VISHAY-489D686X96R3D4CE3 Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
More results

Similar Description - 489D686X96R3D4CE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com