Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA2189PCK-410 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFPA2189PCK-410
Description  GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2189PCK-410 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFPA2189PCK-410 Datasheet HTML 3Page - RF Micro Devices RFPA2189PCK-410 Datasheet HTML 4Page - RF Micro Devices RFPA2189PCK-410 Datasheet HTML 5Page - RF Micro Devices RFPA2189PCK-410 Datasheet HTML 6Page - RF Micro Devices RFPA2189PCK-410 Datasheet HTML 7Page - RF Micro Devices RFPA2189PCK-410 Datasheet HTML 8Page - RF Micro Devices RFPA2189PCK-410 Datasheet HTML 9Page - RF Micro Devices RFPA2189PCK-410 Datasheet HTML 10Page - RF Micro Devices RFPA2189PCK-410 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
RFPA2189
DS110420
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance – 2110MHz to 2170MHz Application Circuit
-80
-75
-70
-65
-60
-55
-50
-45
-40
8
9
10
11
12
13
14
15
16
17
18
19
Channel Power Out (dBm)
ACP versus Power Out (2140 MHz)
+25°C
-40°C
+85°C
WCDMA_TM1_64DPCH_1C
-80
-75
-70
-65
-60
-55
-50
-45
-40
8
9
10
11
12
13
14
15
16
17
18
19
Channel Power Out (dBm)
ACP versus Power Out (25°C)
2.11 GHz
2.14 GHz
2.17 GHz
WCDMA_TM1_64DPCH_1C
36
38
40
42
44
46
10
12
14
16
18
20
Power Out per Tone (dBm)
OIP3 versus Power Out (2140 MHz)
+25°C
-40°C
+85°C
130
150
170
190
210
230
250
270
290
0
4
8
12
16
20
24
28
32
-4
-2
0
2
4
6
8
10
12
14
16
18
Power in (dBm)
Pout & Current versus Pin @ 2140MHz
Pout_25C
Pout_-40C
Pout_85C
Icc_25C
Icc_-40C
Icc_85C
36
38
40
42
44
46
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
OIP3 versus Frequency (15dBm tones)
+25°C
-40°C
+85°C


Similar Part No. - RFPA2189PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2189PCK-410 RFMD-RFPA2189PCK-410 Datasheet
792Kb / 11P
   GaAs HBT POWER AMPLIFIER
More results

Similar Description - RFPA2189PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
   GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
   RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
logo
RF Micro Devices
RFPA2545 RFMD-RFPA2545 Datasheet
2Mb / 19P
   Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SXB4089Z RFMD-SXB4089Z Datasheet
780Kb / 11P
   400MHz to 2500MHz 쩍W MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com