Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1259IPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1259IPW
Description  Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1259IPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1259IPW Datasheet HTML 7Page - Texas Instruments ADS1259IPW Datasheet HTML 8Page - Texas Instruments ADS1259IPW Datasheet HTML 9Page - Texas Instruments ADS1259IPW Datasheet HTML 10Page - Texas Instruments ADS1259IPW Datasheet HTML 11Page - Texas Instruments ADS1259IPW Datasheet HTML 12Page - Texas Instruments ADS1259IPW Datasheet HTML 13Page - Texas Instruments ADS1259IPW Datasheet HTML 14Page - Texas Instruments ADS1259IPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
250
200
150
100
50
0
50
100
150
200
250
-
-
-
-
-
V
(V)
REF
5.0
0.5
1.0
1.5
2.0
2.5
VREFNInputCurrent
(VREFP=AVDD)
VREFPInputCurrent
(VREFN=AVSS)
3.0
3.5
4.0
4.5
0
25
50
75
100
125
150
175
200
225
250
-
-
-
-
-
-
-
-
-
-
Temperature( C)
°
125
-
55
-
35
-
15
5
25
45
65
85
105
VREFPInputCurrent
VREFNInputCurrent
0.010
0.008
0.006
0.004
0.002
0
0.002
0.004
0.006
0.008
0.010
-
-
-
-
-
Time(s)
6
0
1
2
3
4
C
=1 FX7R
m
REFIN
5
130
128
126
124
122
120
Temperature( C)
°
125
-
55
-
35
-
15
5
25
45
65
85
105
InternalOscillator
ExternalCrystal
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
100
200
300
400
500
600
700
800
900 1000
Hours
48 units
G001
7.50
7.45
7.40
7.35
7.30
7.25
7.20
Temperature( C)
°
125
-
55
-
35
-
15
5
25
45
65
85
105
ADS1259
www.ti.com
SBAS424D
– JUNE 2009 – REVISED AUGUST 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5V, AVSS = –2.5V, DVDD = 3.3V, VREF = 2.5V, VREFN = AVSS, fCLK = 7.3728MHz, and
fDATA = 60SPS, unless otherwise noted.
REFERENCE INPUT CURRENT vs TEMPERATURE
REFERENCE INPUT CURRENT vs REFERENCE VOLTAGE
Figure 26.
Figure 27.
DIFFERENTIAL INPUT IMPEDANCE vs TEMPERATURE
INTERNAL REFERENCE SETTLING TIME
Figure 28.
Figure 29.
INTERNAL OSCILLATOR vs TEMPERATURE
INTERNAL REFERENCE LONG-TERM STABILITY
Figure 30.
Figure 31.
Copyright
© 2009–2011, Texas Instruments Incorporated
11


Similar Part No. - ADS1259IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1259IPW TI-ADS1259IPW Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259IPWR TI-ADS1259IPWR Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
More results

Similar Description - ADS1259IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1259 TI1-ADS1259_14 Datasheet
957Kb / 49P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI-ADS1259 Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259-Q1 TI1-ADS1259-Q1 Datasheet
744Kb / 16P
[Old version datasheet]   ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com