Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1200E4C-34N Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # CM1200E4C-34N
Description  Chopper HVIGBT Module 1200 Amperes/1700 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM1200E4C-34N Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  CM1200E4C-34N Datasheet HTML 1Page - Powerex Power Semiconductors CM1200E4C-34N Datasheet HTML 2Page - Powerex Power Semiconductors CM1200E4C-34N Datasheet HTML 3Page - Powerex Power Semiconductors CM1200E4C-34N Datasheet HTML 4Page - Powerex Power Semiconductors CM1200E4C-34N Datasheet HTML 5Page - Powerex Power Semiconductors CM1200E4C-34N Datasheet HTML 6Page - Powerex Power Semiconductors CM1200E4C-34N Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CM1200E4C-34N
Chopper HVIGBT Module
1200 Amperes/1700 Voltst
5
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
06/13 Rev. 2
EMITTER CURRENT, IE, (AMPERES)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, V
CE(sat), (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
0
2
1
3
4
5
6
0
VGE = 20V
10
12
15
8
Tj = 125°C
2400
800
1600
400
1200
2000
0
2400
800
1600
400
1200
2000
GATE EMITTER VOLTAGE, V
GE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
0
12
4
8
2
6
10
VCE = 20V
Tj = 25°C
Tj = 125°C
Tj = 25°C
Tj = 125°C
COLLECTOR CURRENT, I
C, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
5
0
4
3
1
2
0
2400
800
1600
400
1200
2000
5
0
4
3
1
2
0
2400
800
1600
400
1200
2000
VGE = 15V
Tj = 25°C
Tj = 125°C


Similar Part No. - CM1200E4C-34N

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1200E4C-34N MITSUBISHI-CM1200E4C-34N Datasheet
60Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM1200E4C-34N

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM1200DB-34N POWEREX-CM1200DB-34N Datasheet
536Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
CM1200DC-34N POWEREX-CM1200DC-34N Datasheet
494Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
CM1800HC-34N POWEREX-CM1800HC-34N Datasheet
560Kb / 6P
   Single IGBTMOD HVIGBT Module 1800 Amperes/1700 Volts
CM1800HCB-34N POWEREX-CM1800HCB-34N Datasheet
503Kb / 4P
   Single IGBTMOD HVIGBT Module 1800 Amperes/1700 Volts
CM1800DY-34S POWEREX-CM1800DY-34S Datasheet
866Kb / 6P
   Dual Half-Bridge IGBTMOD??HVIGBT Series Module 1800 Amperes/1700 Volts
CM200EXS-34SA POWEREX-CM200EXS-34SA Datasheet
1Mb / 9P
   Chopper IGBT NX-Series Module 200 Amperes/1700 Volts
CM2500DY-24S POWEREX-CM2500DY-24S Datasheet
762Kb / 6P
   Dual Half-Bridge IGBTMOD HVIGBT Series Module 2500 Amperes/1200 Volts
CM100E3U-24H POWEREX-CM100E3U-24H Datasheet
60Kb / 4P
   Chopper IGBTMOD 100 Amperes/1200 Volts
CM50E3U-24H POWEREX-CM50E3U-24H Datasheet
60Kb / 4P
   Chopper IGBTMOD 50 Amperes/1200 Volts
CM150E3U-24H POWEREX-CM150E3U-24H Datasheet
59Kb / 4P
   Chopper IGBTMOD 150 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com