Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COMBOSOLAR Datasheet(PDF) 4 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 4 Page - Texas Instruments

  COMBOSOLAR Datasheet HTML 1Page - Texas Instruments COMBOSOLAR Datasheet HTML 2Page - Texas Instruments COMBOSOLAR Datasheet HTML 3Page - Texas Instruments COMBOSOLAR Datasheet HTML 4Page - Texas Instruments COMBOSOLAR Datasheet HTML 5Page - Texas Instruments COMBOSOLAR Datasheet HTML 6Page - Texas Instruments COMBOSOLAR Datasheet HTML 7Page - Texas Instruments COMBOSOLAR Datasheet HTML 8Page - Texas Instruments COMBOSOLAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
AFE031
SBOS531D – AUGUST 2010 – REVISED MAY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: Transmitter (Tx) (continued)
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
AFE031
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Tx_FILTER
Input
Input voltage range
GND – 0.1
AVDD + 0.1
V
Input resistance
RI
43
k
Ω
(Tx_F_IN1 and Tx_F_IN2)
Frequency Response
CENELEC A Mode
Passband frequency
–3 dB
95
kHz
Stop band attenuation
–50
–60
dB
Stop band frequency
910
kHz
Filter gain
0
dB
CENELEC B/C/D Modes
Passband frequency
–3 dB
145
kHz
Stop band attenuation
–50
–60
dB
Stop band frequency
870
kHz
Filter gain
0
dB
Output
Voltage output swing from
VO
RLOAD = 10 kΩ, connected to AVDD/2
10
100
mV
AGND or AVDD
Sourcing
25
mA
Maximum continuous
IO
current, dc
Sinking
25
mA
Output resistance
RO
f = 100 kHz
1
Ω
Transmitter Noise
Integrated noise at PA output(2)
CENELEC Band A
Noise-reducing capacitor = 1 nF from
435
μVRMS
(40 kHz to 90 kHz)
pin 19 to ground
CENELEC Bands B/C/D
Noise-reducing capacitor = 1 nF from
460
μVRMS
(95 kHz to 140 kHz)
pin 19 to ground
(2)
Includes DAC, Tx_PGA, Tx_Filter, PA, and REF1 bias generator.
4
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE031


Similar Part No. - COMBOSOLAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COMBOSMARTMETER TI1-COMBOSMARTMETER Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
More results

Similar Description - COMBOSOLAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE031 TI1-AFE031 Datasheet
1Mb / 56P
[Old version datasheet]   Powerline Communications Analog Front-End
SEPTEMBER2011
AFE030 TI1-AFE030 Datasheet
992Kb / 58P
[Old version datasheet]   Powerline Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
[Old version datasheet]   Power-Line Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
[Old version datasheet]   Power-Line Communications Analog Front-End
logo
Maxim Integrated Produc...
MAX2981 MAXIM-MAX2981 Datasheet
178Kb / 12P
   Integrated Powerline Communication Analog Front-End Transceiver and Line Driver
Rev 0; 7/09
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
MAX2991 MAXIM-MAX2991_V01 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com