Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1400DUC-24NF Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # CM1400DUC-24NF
Description  Mega Power Dual IGBTMOD 1400 Amperes/1200 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM1400DUC-24NF Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  CM1400DUC-24NF Datasheet HTML 1Page - Powerex Power Semiconductors CM1400DUC-24NF Datasheet HTML 2Page - Powerex Power Semiconductors CM1400DUC-24NF Datasheet HTML 3Page - Powerex Power Semiconductors CM1400DUC-24NF Datasheet HTML 4Page - Powerex Power Semiconductors CM1400DUC-24NF Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CM1400DUC-24NF
Mega Power Dual IGBTMOD™
1400 Amperes/1200 Volts
5
01/10 Rev. 0
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
EMITTER CURRENT, I
E, (AMPERES)
102
103
104
10-1
100
101
10-1
100
101
101
102
103
VCC = 600V
VGE = ±15V
Tj = 125°C
RG = 0.22Ω
Inductive Load
COLLECTOR CURRENT, I
C, (AMPERES)
102
103
104
101
102
103
VCC = 600V
VGE = ±15V
Tj = 125°C
RG = 0.22Ω
Eon
Eoff
Inductive Load
GATE RESISTANCE, R
G, (Ω)
VCC = 600V
VGE = ±15V
Tj = 125°C
IC = 1400A
Inductive Load
GATE RESISTANCE, R
G, (Ω)
101
102
103
VCC = 600V
VGE = ±15V
Tj = 125°C
IC = 1400A
Eon
Eoff
Inductive Load
101
102
103
REVERSE RECOVERY ENERGY VS.
FORWARD CURRENT
(TYPICAL)
SWITCHING LOSS VS. COLLECTOR CURRENT
(TYPICAL)
REVERSE RECOVERY ENERGY VS.
EXTERNAL GATE RESISTANCE
(TYPICAL)
SWITCHING ENERGY VS.
EXTERNAL GATE RESISTANCE
(TYPICAL)
TIME, (s)
10-5
10-4
10-3
10-1
10-2
10-3
10-3
10-2
10-1
100
101
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & CLAMP DIODE)
100
Single Pulse
TC = 25°C
Per Unit Base
Rth(j-c') =
0.014°C/W
(IGBT)
Rth(j-c') =
0.023°C/W
(Clamp)
GATE CHARGE, Q
G, (nC)
20
0
16
12
8
4
0
2000
4000
10000
8000
6000
VCC = 600V
VCC = 400V
IC = 1400A
GATE CHARGE, VGE


Similar Part No. - CM1400DUC-24NF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1400DUC-24NF MITSUBISHI-CM1400DUC-24NF Datasheet
515Kb / 9P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM1400DUC-24NF

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM1400DU-24NF POWEREX-CM1400DU-24NF Datasheet
78Kb / 4P
   Mega Power Dual??IGBTMOD 1400 Amperes/1200 Volts
CM1400E3U-24NF POWEREX-CM1400E3U-24NF Datasheet
551Kb / 5P
   Mega Power Chopper IGBTMOD 1400 Amperes/1200 Volts
CM1400DUC-24S POWEREX-CM1400DUC-24S Datasheet
908Kb / 6P
   Mega Power Dual IGBT 1400 Amperes/1200 Volts
CM900DU-24NF POWEREX-CM900DU-24NF Datasheet
78Kb / 4P
   Mega Power Dual??IGBTMOD 900 Amperes/1200 Volts
CM100DY-28H POWEREX-CM100DY-28H Datasheet
68Kb / 4P
   Dual IGBTMOD 100 Amperes/1400 Volts
CM200DY-28H POWEREX-CM200DY-28H Datasheet
60Kb / 4P
   Dual IGBTMOD 200 Amperes/1400 Volts
CM300DY-28H POWEREX-CM300DY-28H Datasheet
60Kb / 4P
   Dual IGBTMOD 300 Amperes/1400 Volts
CM50DY-28H POWEREX-CM50DY-28H Datasheet
58Kb / 4P
   Dual IGBTMOD 50 Amperes/1400 Volts
CM150DY-28H POWEREX-CM150DY-28H Datasheet
824Kb / 4P
   Dual IGBTMOD 150 Amperes/1400 Volts
CM200DY-24H POWEREX-CM200DY-24H Datasheet
59Kb / 4P
   Dual IGBTMOD 200 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com