Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1800DY-34S Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # CM1800DY-34S
Description  Dual Half-Bridge IGBTMOD??HVIGBT Series Module 1800 Amperes/1700 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM1800DY-34S Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  CM1800DY-34S Datasheet HTML 1Page - Powerex Power Semiconductors CM1800DY-34S Datasheet HTML 2Page - Powerex Power Semiconductors CM1800DY-34S Datasheet HTML 3Page - Powerex Power Semiconductors CM1800DY-34S Datasheet HTML 4Page - Powerex Power Semiconductors CM1800DY-34S Datasheet HTML 5Page - Powerex Power Semiconductors CM1800DY-34S Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
100
102
103
102
101
10-1
100
101
0
1.0
0.5
2.5
1.5
2.0
3.0
101
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
102
104
103
GATE-EMITTER VOLTAGE, V
GE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
10
6
8
10
14
12
16
18
20
8
6
4
2
0
Tj = 25°C
VGE = 0V
Cies
Coes
Cres
IC = 3600A
IC = 1800A
IC = 720A
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
0
2
4
6
8
10
0
VGE = 20V
10
11
12
13.5
15
9
Tj = 25°C
4000
3500
1500
1000
500
2000
2500
3000
COLLECTOR CURRENT, I
C, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
3.5
2.5
3.0
0
2.0
1.5
0.5
1.0
0
3600
1200
600
1800 2400 3200
VGE = 15V
Tj = 25°C
Tj = 125°C
Tj = 150°C
10-1
COLLECTOR CURRENT, I
C, (AMPERES)
104
102
103
103
101
102
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
td(off)
td(on)
tr
VCC = 1000V
VGE = ±15V
RG = 0
Tj = 150°C
Inductive Load
tf
104
GATE RESISTANCE, R
G, ( )
104
10-1
100
102
103
SWITCHING TIME VS.
GATE RESISTANCE
(TYPICAL)
td(off)
td(on)
tr
VCC = 1000V
VGE = ±15V
IC = 1800A
Tj = 150°C
Inductive Load
tf
101
Tj = 25°C
Tj = 125°C
Tj = 150°C
VCC = 1000V
VGE = ±15V
RG = 0
Tj = 125°C
COLLECTOR CURRENT, I
C, (AMPERES)
EMITTER CURRENT, I
E, (AMPERES)
103
102
102
103
101
104
HALF-BRIDGE SWITCHING
CHARACTERISTICS (TYPICAL)
Eon
Eoff
Err
VCC = 1000V
VGE = ±15V
RG = 0
Tj = 150°C
COLLECTOR CURRENT, I
C, (AMPERES)
EMITTER CURRENT, I
E, (AMPERES)
103
102
102
103
101
104
HALF-BRIDGE SWITCHING
CHARACTERISTICS (TYPICAL)
Eon
Eoff
Err
CM1800DY-34S
Dual Half-Bridge IGBTMOD™ HVIGBT Module
1800 Amperes/1700 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
5
5/12 Rev. 1


Similar Part No. - CM1800DY-34S

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1800 CML-CM1800 Datasheet
23Kb / 1P
   T-3 1/4 Miniature Bayonet Base
logo
Visual Communications C...
CM1800 VCC-CM1800 Datasheet
26Kb / 1P
   Bayonet Base, Screw Base
logo
Mitsubishi Electric Sem...
CM1800HC-34H MITSUBISHI-CM1800HC-34H Datasheet
36Kb / 2P
   HIGH POWER SWITCHING USE
CM1800HC-34H MITSUBISHI-CM1800HC-34H Datasheet
67Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1800HC-34H MITSUBISHI-CM1800HC-34H_05 Datasheet
67Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM1800DY-34S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM1800HC-34N POWEREX-CM1800HC-34N Datasheet
560Kb / 6P
   Single IGBTMOD HVIGBT Module 1800 Amperes/1700 Volts
CM1800HCB-34N POWEREX-CM1800HCB-34N Datasheet
503Kb / 4P
   Single IGBTMOD HVIGBT Module 1800 Amperes/1700 Volts
CM1200DB-34N POWEREX-CM1200DB-34N Datasheet
536Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
CM1200DC-34N POWEREX-CM1200DC-34N Datasheet
494Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
CM2500DY-24S POWEREX-CM2500DY-24S Datasheet
762Kb / 6P
   Dual Half-Bridge IGBTMOD HVIGBT Series Module 2500 Amperes/1200 Volts
QID4515002 POWEREX-QID4515002 Datasheet
656Kb / 5P
   Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
QID4515001 POWEREX-QID4515001 Datasheet
640Kb / 4P
   Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
CM300DY-34A POWEREX-CM300DY-34A Datasheet
425Kb / 4P
   Dual IGBTMOD A-Series Module 300 Amperes/1700 Volts
CM75DY-34A POWEREX-CM75DY-34A Datasheet
396Kb / 4P
   Dual IGBTMOD A-Series Module 75 Amperes/1700 Volts
CM150DY-34A POWEREX-CM150DY-34A Datasheet
411Kb / 4P
   Dual IGBTMOD A-Series Module 150 Amperes/1700 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com