Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJF2PE1G15100BTX Datasheet(PDF) 2 Page - Amphenol Corporation

Part # RJF2PE1G15100BTX
Description  Ethernet ConnectionConnectionSystem System for Harsh EnvironmentHarsh Environment The Industrial Ethernet SolutionEthernet Solution
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RJF2PE1G15100BTX Datasheet(HTML) 2 Page - Amphenol Corporation

  RJF2PE1G15100BTX Datasheet HTML 1Page - Amphenol Corporation RJF2PE1G15100BTX Datasheet HTML 2Page - Amphenol Corporation RJF2PE1G15100BTX Datasheet HTML 3Page - Amphenol Corporation RJF2PE1G15100BTX Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Amphenol ®
Amphenol PCD – 2 Technology Drive – Peabody - Massachusetts – 01960 – USA
Tel: + 1 978-532-8800 x 273
Fax: + 1 978-532-6800
http://www.RJField.com
Main
Main Characteristics
Characteristics
Environmental Protection
Sealing : IP67 with recommended 5 to 12 mm cable diameter
Salt Spray :
48 h with Nickel plating
> 96 h with black coating
> 500 h with hard anodic coating and Cadmium
Fire retardant / Low Smoke : UL94 V0 and NF F 16 101 & 16 102
Vibrations : 10 - 500 Hz, 10 g, 3 axes : no discontinuity > 10 nano s.
Shocks : IK06 : drop of a 250 g weight from 40 cm [15.75 in] height
onto mated pair of connectors
Humidity : 21 days, 43°C, 98% humidity
Thermal Shock : 5 cycles at -40°C / +100°C
Temperature Range : -40°C / +85°C
Data Transmission
10 BaseT, 100 BaseTX and 1000 BaseT networks
Cat 5e per TIA/EIA 568B and ClassD per ISO/IEC 11801
Mechanical
Bayonet coupling ( “Audible & Visual” coupling signal )
4 mechanical Coding / Polarization possibilities by the
user (insert rotation)
RJ45 cordset retention in the plug : 100 N in the axis
Mating cycles : 500 min
Universal : Can be used with all standard * RJ45 Cat.5e cordset brands
RJStop
Patent
Assembly instructions
1.
Push down the RJ45 cordset latch, and fix it inside
the insert
2.
Press in and click the other part of the insert
3.
Insert in the metallic housing
Easy and Safe : No field cabling tools required
* The RJStop
 system allows the use of standard RJ45 cordsets regardless their Brand. However, Amphenol Socapex can
provide Cat5- 5e cordset with reinforced jacket to be used in harsh environments (shocks, oils, fuel,…). Please consult
factory.


Similar Part No. - RJF2PE1G15100BTX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJF21BSCC AMPHENOL-RJF21BSCC Datasheet
249Kb / 4P
   RJ FieldRJ Field Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJF22B03100BTX AMPHENOL-RJF22B03100BTX Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
logo
Schneider Electric
RJF26120 SCHNEIDER-RJF26120 Datasheet
66Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 2P, 25kA
RJF26160 SCHNEIDER-RJF26160 Datasheet
66Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1600A, 2P, 25kA
RJF26200 SCHNEIDER-RJF26200 Datasheet
66Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 2000A, 2P, 25kA
More results

Similar Description - RJF2PE1G15100BTX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJFC7G AMPHENOL-RJFC7G Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
RJFC7B AMPHENOL-RJFC7B Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment ?밒ndustrial Ethernet
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
   Ethernet ConnectionSystem for Harsh Environment
RJF22B03100BTX AMPHENOL-RJF22B03100BTX Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
   Ethernet ConnectionSystem for Harsh Environment
RJF21BSCC AMPHENOL-RJF21BSCC Datasheet
249Kb / 4P
   RJ FieldRJ Field Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
   The RJ45 system for harsh and demanding environment
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
   Harsh environment
07.22.15
logo
CONEC Elektronische Bau...
RJ45-IP67 CONEC-RJ45-IP67 Datasheet
2Mb / 28P
   RJ45-IP67 Industrial Ethernet Connector System
logo
Renesas Technology Corp
R-IN32M3 RENESAS-R-IN32M3 Datasheet
1Mb / 116P
   LSI for Industrial Ethernet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com