Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRJ523B11H102KA01D Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # GRJ523B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ523B11H102KA01D Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  GRJ523B11H102KA01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRJ523B11H102KA01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRJ523B11H102KA01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRJ523B11H102KA01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRJ523B11H102KA01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRJ523B11H102KA01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRJ523B11H102KA01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRJ523B11H102KA01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRJ523B11H102KA01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 221 page
background image
Chip Monolithic Ceramic Capacitors (Medium Voltage)
For General Purpose GRM/GRJ Series
1-1
Low Dissipation Factor GRM Series
160
Specifications and Test Methods
164
1-2
High Capacitance for General Use GRM Series
166
Specifications and Test Methods
168
1-3
Soft Termination Type GRJ Series
171
Specifications and Test Methods
173
Only for Applications
2-1
For LCD Backlight Inverter Circuit GRM/DC3.15kV Series
176
Specifications and Test Methods
177
2-2
For Information Devices GR4 Series
179
Specifications and Test Methods
180
2-3
For Camera Flash Circuit GR7 Series
183
Specifications and Test Methods
184
AC250V Type (Which Meet Japanese Law) GA2 Series
187
Specifications and Test Methods
188
Safety Standard Certified GA3 Series
4-1
UL, IEC60384-14 Class X1/Y2 Type GC
191
4-2
IEC60384-14 Class Y2, X1/Y2 Type GF
192
4-3
IEC60384-14 Class Y3 Type GD
194
4-4
IEC60384-14 Class X2 Type GB
195
Specifications and Test Methods
196
Reference Data (Typical Example)
200
Package
203
!Caution
206
Notice
214
ISO 9001 Certifications
217
Intro duction SimSurfing
218
Intro duction EMICON-FUN!
219
1
2
3
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please check the MURATA home page (http://www.murata.com/) if you cannot find the part number in the catalog.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20


Similar Part No. - GRJ523B11H102KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRJ55DR72E105KWJ1 MURATA-GRJ55DR72E105KWJ1 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ55DR72J224KWJ1 MURATA-GRJ55DR72J224KWJ1 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ55DR73A104KWJ1 MURATA-GRJ55DR73A104KWJ1 Datasheet
694Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
More results

Similar Description - GRJ523B11H102KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com