Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTHS15680RJ Datasheet(PDF) 3 Page - Tyco Electronics

Part # NTHS15680RJ
Description  Aluminium Housed Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

NTHS15680RJ Datasheet(HTML) 3 Page - Tyco Electronics

  NTHS15680RJ Datasheet HTML 1Page - Tyco Electronics NTHS15680RJ Datasheet HTML 2Page - Tyco Electronics NTHS15680RJ Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Literature No. 1773277
Issued: 03-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
Aluminium Housed Power Resistors
Type THS Series
How to Order
THS
50
680R
J
Common Part
10 Watt = THS10
15 Watt = THS15
25 Watt = THS25
50 Watt = THS50
75 Watt = THS75
Power Rating
0.1ohm
(100 mille ohms)
R10
1ohm
(1000 mille ohms)
1R0
1K
(1000 ohms)
1KO
Resistance Value
Tolerance
THS- Standard
NTHS - Low
Inductance
J - 5%
Power Overload
0.1 1
2
3
4
5
6
7
8
9 10 11 12 13 14 20 25 30 40 60
30
25
20
15
10
5
0
Duration of Overload (secs)
This graph indicates the amount that the rated power (at 20°C) of the
standard HS Series resistor may be increased for overloads of 100mS to 60S
0 20
60
100
150
200
250
300
200
100
0
Power Dissipation (Watts)
For resistor mounted on standard heatsink, related to power dissipation
THS10
THS15
THS50
THS25
Surface Temperature Rise
THS75


Similar Part No. - NTHS15680RJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTHS1206 VISHAY-NTHS1206 Datasheet
86Kb / 3P
   Extended resistance values available in standard sizes, Allows design flexibility for use with hybrid circuitry
Revision: 25-Jan-12
NTHS1206 VISHAY-NTHS1206 Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
NTHS1206 VISHAY-NTHS1206 Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
NTHS1206N01N1002FE VISHAY-NTHS1206N01N1002FE Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
NTHS1206N01N1002FU VISHAY-NTHS1206N01N1002FU Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
More results

Similar Description - NTHS15680RJ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
THS5047RJ MACOM-THS5047RJ Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
1773035 TEC-1773035 Datasheet
180Kb / 4P
   Aluminium Housed Power Resistors
logo
Tyco Electronics
3-1630019-6 MACOM-3-1630019-6 Datasheet
175Kb / 4P
   Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
HSA50 TEC-HSA50 Datasheet
180Kb / 4P
   Aluminium Housed Power Resistors
logo
Tyco Electronics
THS25R82J MACOM-THS25R82J Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
THS25R01J MACOM-THS25R01J Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
logo
Welwyn Components Limit...
WH5 WELWYN-WH5_12 Datasheet
2Mb / 4P
   Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5 Datasheet
71Kb / 3P
   Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5 Datasheet
862Kb / 4P
   Aluminium Housed Wirewound Resistors
logo
Ohmite Mfg. Co.
HS10 OHMITE-HS10 Datasheet
352Kb / 2P
   HS Aluminium Housed Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com