Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

489D686X06R3D6B Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 489D686X06R3D6B
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D686X06R3D6B Datasheet(HTML) 5 Page - Vishay Siliconix

  489D686X06R3D6B Datasheet HTML 1Page - Vishay Siliconix 489D686X06R3D6B Datasheet HTML 2Page - Vishay Siliconix 489D686X06R3D6B Datasheet HTML 3Page - Vishay Siliconix 489D686X06R3D6B Datasheet HTML 4Page - Vishay Siliconix 489D686X06R3D6B Datasheet HTML 5Page - Vishay Siliconix 489D686X06R3D6B Datasheet HTML 6Page - Vishay Siliconix 489D686X06R3D6B Datasheet HTML 7Page - Vishay Siliconix 489D686X06R3D6B Datasheet HTML 8Page - Vishay Siliconix 489D686X06R3D6B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
489D, 499D
Vishay Sprague
Resin-Coated, Radial-Lead
Solid Tantalum Capacitors
www.vishay.com
For technical questions, contact: eurotant@vishay.com
Document Number: 42070
5
Revision: 12-Jun-06
STANDARD RATINGS
CR (µF)
CASE CODE
TYPE
PART NUMBER
489D
MAX. DCL
AT + 25 °C
(µA)
499D
MAX. DCL
AT + 25 °C
(µA)
489D, 499D
MAX. DF, 100 Hz
AT + 25 °C
(%)
UR = 35 VOLT AT + 85 °C, SURGE = 46 V
UC= 23 V AT + 125 °C, SURGE = 28 V (ONLY 499D)
0.10
A
489D104X(*)035A_ _
1.0
0.5
4
0.15
A
489D154X(*)035A_ _
1.0
0.5
4
0.22
A
489D224X(*)035A_ _
1.0
0.5
4
0.33
A
489D334X(*)035A_ _
1.0
0.5
4
0.47
A
489D474X(*)035A_ _
1.0
0.5
4
0.68
B
489D684X(*)035B_ _
1.0
0.5
4
1.0
B
489D105X(*)035B_ _
1.0
0.5
4
1.5
C
489D155X(*)035C_ _
1.0
0.5
4
2.2
C
489D225X(*)035C_ _
1.1
0.6
6
3.3
D
489D335X(*)035D_ _
1.7
0.9
6
4.7
D
489D475X(*)035D_ _
2.4
1.3
6
6.8
E
489D685X(*)035E_ _
3.5
1.9
6
10.0
F
489D106X(*)035F_ _
5.2
2.8
8
15.0
M
489D156X(*)035M_ _
7.8
4.2
8
22.0
M
489D226X(*)035M_ _
11.5
6.1
8
33.0
N
489D336X(*)035N_ _
17.3
9.2
8
47.0
N
489D476X(*)035N_ _
24.6
13.1
8
UR = 50 VOLT AT + 85 °C, SURGE = 65 V
UC = 33 V AT + 125 °C, SURGE = 40 V (ONLY 499D)
0.10
A
489D104X(*)050A_ _
1.0
0.5
4
0.15
A
489D154X(*)050A_ _
1.0
0.5
4
0.22
A
489D224X(*)050A_ _
1.0
0.5
4
0.33
B
489D334X(*)050B_ _
1.0
0.5
4
0.47
B
489D474X(*)050B_ _
1.0
0.5
4
0.68
C
489D684X(*)050C_ _
1.0
0.5
4
1.0
D
489D105X(*)050D_ _
1.0
0.5
4
1.5
E
489D155X(*)050E_ _
1.1
0.6
4
2.2
F
489D225X(*)050F_ _
1.6
0.8
6
3.3
F
489D335X(*)050F_ _
2.4
1.3
6
4.7
H
489D475X(*)050H_ _
3.5
1.8
6
6.8
N
489D685X(*)050N_ _
5.1
2.7
6
10.0
N
489D106X(*)050N_ _
7.5
4.0
8
15.0
N
489D156X(*)050N_ _
11.2
6.0
8
22.0
N
489D226X(*)050N_ _
16.5
8.8
8
489D Type part number 489D, 499D
(*) Insert 0 for ± 20 % tolerance or 9 for ± 10 %
_ _ Case code/lead style see case code table


Similar Part No. - 489D686X06R3D6B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D686X06R3D6BE3 VISHAY-489D686X06R3D6BE3 Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
More results

Similar Description - 489D686X06R3D6B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com