Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8ETX06 Datasheet(PDF) 1 Page - International Rectifier

Part # 8ETX06
Description  Hyperfast Rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8ETX06 Datasheet(HTML) 1 Page - International Rectifier

  8ETX06 Datasheet HTML 1Page - International Rectifier 8ETX06 Datasheet HTML 2Page - International Rectifier 8ETX06 Datasheet HTML 3Page - International Rectifier 8ETX06 Datasheet HTML 4Page - International Rectifier 8ETX06 Datasheet HTML 5Page - International Rectifier 8ETX06 Datasheet HTML 6Page - International Rectifier 8ETX06 Datasheet HTML 7Page - International Rectifier 8ETX06 Datasheet HTML 8Page - International Rectifier 8ETX06 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Bulletin PD-20766 rev. C 09/06
trr = 15ns typ.
IF(AV) = 8Amp
VR = 600V
• Hyperfast Recovery Time
• Low Forward Voltage Drop
• Low Leakage Current
• 175°C Operating Junction Temperature
• UL E78996 approved
Features
Description/ Applications
Absolute Maximum Ratings
Hyperfast Rectifier
VRRM
Peak Repetitive Reverse Voltage
600
V
IF(AV)
Average Rectified Forward Current @ TC = 143°C
8
A
@ TC=106°C(FULLPACK)
IFSM
Non Repetitive Peak Surge Current @ TJ = 25°C
110
IFM
Peak Repetitive Forward Current
18
TJ, TSTG Operating Junction and Storage Temperatures
- 65 to 175
°C
Parameters
Max
Units
State of the art Hyperfast recovery rectifiers designed with optimized performance of forward voltage drop, Hyperfast
recover time, and soft recovery.
The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in PFC Boost stage in the AC-DC section of SMPS, inverters or as freewheeling
diodes.
The IR extremely optimized stored charge and low recovery current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
www.irf.com
8ETX06
8ETX06S
8ETX06-1
8ETX06FP
8ETX06
TO-220AC
Case Styles
8ETX06S
D2PAK
8ETX06-1
TO-262
Anode
1
3
Base
Cathode
2
N/C
Anode
1
3
Cathode
Base
Cathode
2
Anode
1
3
2
N/C
8ETX06FP
TO-220 FULLPACK
Anode
1
3
Cathode


Similar Part No. - 8ETX06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETX06 IRF-8ETX06 Datasheet
205Kb / 9P
   Hyperfast Rectifier
8ETX06 IRF-8ETX06 Datasheet
236Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
8ETX06 VISHAY-8ETX06 Datasheet
125Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 24-Jun-08
logo
International Rectifier
8ETX06-1 IRF-8ETX06-1 Datasheet
205Kb / 9P
   Hyperfast Rectifier
logo
Vishay Siliconix
8ETX06-1 VISHAY-8ETX06-1 Datasheet
124Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Sep-08
More results

Similar Description - 8ETX06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com