Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD5Z3.3T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESD5Z3.3T1G
Description  Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD5Z3.3T1G Datasheet(HTML) 1 Page - ON Semiconductor

  ESD5Z3.3T1G Datasheet HTML 1Page - ON Semiconductor ESD5Z3.3T1G Datasheet HTML 2Page - ON Semiconductor ESD5Z3.3T1G Datasheet HTML 3Page - ON Semiconductor ESD5Z3.3T1G Datasheet HTML 4Page - ON Semiconductor ESD5Z3.3T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 Semiconductor Components Industries, LLC, 2012
February, 2012 − Rev. 10
1
Publication Order Number:
ESD5Z2.5T1/D
ESD5Z2.5T1G Series,
SZESD5Z2.5T1G Series
Transient Voltage
Suppressors
Micro−Packaged Diodes for ESD Protection
The ESD5Z Series is designed to protect voltage sensitive components
from ESD and transient voltage events. Excellent clamping capability,
low leakage, and fast response time, make these parts ideal for ESD
protection on designs where board space is at a premium. Because of its
small size, it is suited for use in cellular phones, portable devices, digital
cameras, power supplies and many other portable applications.
Specification Features:
Low Clamping Voltage
Small Body Outline Dimensions:
0.047 x 0.032 (1.20 mm x 0.80 mm)
Low Body Height: 0.028 (0.7 mm)
Stand−off Voltage: 2.5 V − 12 V
Peak Power up to 240 Watts @ 8 x 20 ms Pulse
Low Leakage
Response Time is Typically < 1 ns
ESD Rating of Class 3 (> 16 kV) per Human Body Model
IEC61000−4−2 Level 4 ESD Protection
IEC61000−4−4 Level 4 EFT Protection
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
Pb−Free Packages are Available*
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V−0
LEAD FINISH:
100% Matte Sn (Tin)
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260C
Device Meets MSL 1 Requirements
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
SOD−523
CASE 502
PLASTIC
STYLE 1
1
Cathode
2
Anode
MARKING DIAGRAM
See specific marking information in the device marking
column of the Electrical Characteristics tables starting on
page 3 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
XX = Specific Device Code
M
= Date Code
G
= Pb−Free Package
XX
1
2
G
(Note: Microdot may be in either location)
ESD5ZxxxT1G
SOD−523
Pb−Free
3,000 /
Tape & Reel
*Date Code orientation may vary
depending upon manufacturing location.
SZESD5ZxxxT1G
SOD−523
Pb−Free
3,000 /
Tape & Reel


Similar Part No. - ESD5Z3.3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD5Z3.3T1G ONSEMI-ESD5Z3.3T1G Datasheet
111Kb / 4P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
October, 2006 ??Rev. 5
logo
TECH PUBLIC Electronics...
ESD5Z3.3T1G TECHPUBLIC-ESD5Z3.3T1G Datasheet
2Mb / 4P
   1-Line Uni-directional TVS Diode
logo
Guangdong Youtai Semico...
ESD5Z3.3T1G UMW-ESD5Z3.3T1G Datasheet
299Kb / 5P
   The ESD5Zxx Series is designed to protect voltage sensitive components from ESD and transient voltage events.
logo
ON Semiconductor
ESD5Z3.3T1G/T5G ONSEMI-ESD5Z3.3T1G/T5G Datasheet
70Kb / 5P
   Transient Voltage suppressors
December, 2014 ??Rev. 13
More results

Similar Description - ESD5Z3.3T1G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com