Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3894BCYG150 Datasheet(PDF) 9 Page - Texas Instruments

Part # AM3894BCYG150
Description  AM389x Sitara ARM Processors
Download  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894BCYG150 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AM3894BCYG150 Datasheet HTML 5Page - Texas Instruments AM3894BCYG150 Datasheet HTML 6Page - Texas Instruments AM3894BCYG150 Datasheet HTML 7Page - Texas Instruments AM3894BCYG150 Datasheet HTML 8Page - Texas Instruments AM3894BCYG150 Datasheet HTML 9Page - Texas Instruments AM3894BCYG150 Datasheet HTML 10Page - Texas Instruments AM3894BCYG150 Datasheet HTML 11Page - Texas Instruments AM3894BCYG150 Datasheet HTML 12Page - Texas Instruments AM3894BCYG150 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 308 page
background image
ARM Cortex™-A8
NEON
ETM
256KB L2$
32KB L1I$ 32KB L1D$
Arbiter
128
32
ICECrusher
48KB ROM
64KB RAM
ARM Cortex-A8
Interrupt Controller
(AINTC)
L3
DMM
32
128
64
64
64
64
128
128
SYSCLK2
128
System Events
DEVOSC
Trace
Debug
AM3894
AM3892
www.ti.com
SPRS681E – OCTOBER 2010 – REVISED JULY 2012
Table 2-2. Characteristics of the Processor (continued)
HARDWARE FEATURES
AM3894/AM3892
Core Logic (V)
1.0 V with Required AVS Capability
USB Logic (V)
0.9 V
Voltage
RAM (V)
1.0 V
I/O (V)
1.5 V, 1.8 V, 3.3 V
Package
25 x 25 mm
1031-Pin BGA (CYG)
Process Technology
µm
0.04 µm
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PD
or Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
2.3
ARM Subsystem
The ARM subsystem is designed to give the ARM Cortex-A8 master control of the device. In general, the
ARM Cortex-A8 is responsible for configuration and control of the various subsystem, peripherals, and
external memories.
The ARM subsystem includes the following features:
ARM Cortex-A8 RISC processor:
ARMv7 ISA plus Thumb®-2, Jazelle-X, and media extensions
NEON floating-point unit
Enhanced memory management unit (MMU)
Little Endian
32KB L1 instruction cache
32KB L1 data cache
256KB L2 cache
Foresight embedded trace module (ETM)
ARM Cortex-A8 interrupt controller (AINTC)
64KB internal RAM
48KB internal public ROM.
Figure 2-1. ARM Cortex-A8 Subsystem Block Diagram
Copyright © 2010–2012, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892


Similar Part No. - AM3894BCYG150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3894 TI-AM3894 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3894CCYG120 TI1-AM3894CCYG120 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
AM3894CCYG135 TI1-AM3894CCYG135 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
AM3894CCYGA120 TI1-AM3894CCYGA120 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
More results

Similar Description - AM3894BCYG150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3892BCYG120 TI1-AM3892BCYG120 Datasheet
2Mb / 308P
[Old version datasheet]   AM389x Sitara??ARM짰 Processors
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com