Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3894CCYGA120 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894CCYGA120
Description  AM389x Sitara ARM Processors
Download  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894CCYGA120 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM3894CCYGA120 Datasheet HTML 7Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 8Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 9Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 10Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 11Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 12Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 13Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 14Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 308 page
background image
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
L4
Interconnect
Interrupt
Interrupt
Interrupt
Mailbox Module
ARM Cortex-A8
Media Controller
AM3894
AM3892
www.ti.com
SPRS681E – OCTOBER 2010 – REVISED JULY 2012
2.4
Media Controller
The Media Controller has the responsibility of managing the HDVPSS module.
2.5
Inter-Processor Communication
This device is a multi-core device that requires software to efficiently manage and communicate between
the cores. The following are the main features that need to be implemented by such software:
1. Device management of the slave processors from the host processor.
2. Inter-processor communication between the cores for transfer and exchange of information between
them.
For implementing efficient inter-processor communication between the multiple cores on the device, the
following hardware features are provided:
Mailbox interrupts
Hardware spinlocks
Mailboxes provide a mechanism for one processor to write a value to a register and send an interrupt to
another processor. Spinlocks facilitate access to shared resources in the system.
2.5.1
Mailbox Module
The device Mailbox module facilitates communication between the ARM Cortex-A8 and the Media
Controller. It consists of twelve mailboxes, each supporting communication between two of the above
processors. The sender sends information to the receiver by writing a message to the mailbox registers.
Interrupt signaling is used to notify the receiver that a message has been queued or to notify the sender
about an overflow situation.
The Mailbox module supports the following features (see Figure 2-2):
12 mailboxes
Four-message FIFO depth for each message queue
32-bit message width
Message reception and queue-not-full notification using interrupts
Three interrupts (one to ARM Cortex-A8, two to Media Controller).
Figure 2-2. Mailbox Module Block Diagram
Copyright © 2010–2012, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892


Similar Part No. - AM3894CCYGA120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3894CCYGA120 TI1-AM3894CCYGA120 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
More results

Similar Description - AM3894CCYGA120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3892BCYG120 TI1-AM3892BCYG120 Datasheet
2Mb / 308P
[Old version datasheet]   AM389x Sitara??ARM짰 Processors
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com