Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3578AMX Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3578AMX
Description  LM2578A/LM3578A Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3578AMX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3578AMX Datasheet HTML 7Page - Texas Instruments LM3578AMX Datasheet HTML 8Page - Texas Instruments LM3578AMX Datasheet HTML 9Page - Texas Instruments LM3578AMX Datasheet HTML 10Page - Texas Instruments LM3578AMX Datasheet HTML 11Page - Texas Instruments LM3578AMX Datasheet HTML 12Page - Texas Instruments LM3578AMX Datasheet HTML 13Page - Texas Instruments LM3578AMX Datasheet HTML 14Page - Texas Instruments LM3578AMX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LM2578A, LM3578A
www.ti.com
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
Figure 19. Current Limit Sense Voltage Multiplication, Ground Referred
Figure 20. Current Limit Sense Voltage Multiplication, Vin Referred
UNDER-VOLTAGE LOCKOUT
Under-voltage lockout is accomplished with few external components. When Vin becomes lower than the zener
breakdown voltage, the output transistor is turned off. This occurs because diode D1 will then become forward
biased, allowing resistor R3 to sink a greater current from the non-inverting input than is sunk by the parallel
combination of R1 and R2 at the inverting terminal. R3 should be one-fifth of the value of R1 and R2 in parallel.
Figure 21. Under-Voltage Lockout
MAXIMUM DUTY CYCLE LIMITING
The maximum duty cycle can be externally limited by adjusting the charge to discharge ratio of the oscillator
capacitor with a single external resistor. Typical values are 50
μA for the charge current, 450 μA for the
discharge current, and a voltage swing from 200 mV to 750 mV. Therefore, R1 is selected for the desired
charging and discharging slopes and C1 is readjusted to set the oscillator frequency.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2578A LM3578A


Similar Part No. - LM3578AMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3578AMX TI1-LM3578AMX Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
LM3578AMX/NOPB TI1-LM3578AMX/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
More results

Similar Description - LM3578AMX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
[Old version datasheet]   Switching Regulator
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
   Switching Regulator
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
logo
National Semiconductor ...
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
   Switching Regulator
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
   Switching Regulator
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
logo
National Semiconductor ...
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
   SWITCHING REGULATOR
logo
Texas Instruments
LM2578A TI1-LM2578A Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
   Switching Regulator
May,2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com