Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGP6N60UFD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SGP6N60UFD
Description  Ultra-Fast IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGP6N60UFD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SGP6N60UFD Datasheet HTML 1Page - Fairchild Semiconductor SGP6N60UFD Datasheet HTML 2Page - Fairchild Semiconductor SGP6N60UFD Datasheet HTML 3Page - Fairchild Semiconductor SGP6N60UFD Datasheet HTML 4Page - Fairchild Semiconductor SGP6N60UFD Datasheet HTML 5Page - Fairchild Semiconductor SGP6N60UFD Datasheet HTML 6Page - Fairchild Semiconductor SGP6N60UFD Datasheet HTML 7Page - Fairchild Semiconductor SGP6N60UFD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SGP6N60UFD Rev. A1
©2002 Fairchild Semiconductor Corporation
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
10
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
Rectangular Pulse Duration [sec]
1
10
100
1000
0.1
1
10
50
Safe Operating Area
V
GE=20V, TC=100
o
C
Collector-Emitter Voltage, V
CE [V]
0.3
1
10
100
1000
0.01
0.1
1
10
50
Single Nonrepetitive
Pulse TC = 25℃
Curves must be derated
linearly with increase
in temperature
50us
100us
1㎳
DC Operation
Ic MAX. (Continuous)
Ic MAX. (Pulsed)
Collector-Emitter Voltage, VCE [V]
036
9
12
15
0
3
6
9
12
15
300 V
200 V
V
CC = 100 V
Common Emitter
R
L = 100
Tc = 25℃
Gate Charge, Q
g [ nC ]
123456
5
10
100
200
Eoff
Eon
Eon
Eoff
Common Emitter
V
CC = 300V, VGE =
± 15V
R
G = 80
T
C =
25℃
T
C = 125
Collector Current, I
C [A]
Fig 14. Gate Charge Characteristics
Fig 15. SOA Characteristics
Fig 16. Turn-Off SOA Characteristics
Fig 13. Switching Loss vs. Collector Current
Pdm
t1
t2
Duty factor D = t1 / t2
Peak Tj = Pdm
× Zthjc + T
C
Fig 17. Transient Thermal Impedance of IGBT


Similar Part No. - SGP6N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGP6N60UF FAIRCHILD-SGP6N60UF Datasheet
510Kb / 7P
   Ultra-Fast IGBT
More results

Similar Description - SGP6N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH80N60UF FAIRCHILD-SGH80N60UF Datasheet
557Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFD FAIRCHILD-SGP13N60UFD Datasheet
595Kb / 8P
   Ultra-Fast IGBT
SGU6N60UF FAIRCHILD-SGU6N60UF Datasheet
506Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGH40N60UFDTU FAIRCHILD-SGH40N60UFDTU Datasheet
652Kb / 8P
   Ultra-Fast IGBT
SGP13N60UFTU FAIRCHILD-SGP13N60UFTU Datasheet
542Kb / 7P
   Ultra-Fast IGBT
SGP13N60UF FAIRCHILD-SGP13N60UF Datasheet
537Kb / 7P
   Ultra-Fast IGBT
SGP23N60UFD FAIRCHILD-SGP23N60UFD Datasheet
587Kb / 8P
   Ultra-Fast IGBT
SGR2N60UF FAIRCHILD-SGR2N60UF Datasheet
495Kb / 7P
   Ultra-Fast IGBT
SGS13N60UFD FAIRCHILD-SGS13N60UFD Datasheet
610Kb / 8P
   Ultra-Fast IGBT
SGS23N60UF FAIRCHILD-SGS23N60UF Datasheet
539Kb / 7P
   Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com