Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2541SQX3030E Datasheet(PDF) 10 Page - Texas Instruments

Part # LMX2541SQX3030E
Description  LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMX2541SQX3030E Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMX2541SQX3030E Datasheet HTML 6Page - Texas Instruments LMX2541SQX3030E Datasheet HTML 7Page - Texas Instruments LMX2541SQX3030E Datasheet HTML 8Page - Texas Instruments LMX2541SQX3030E Datasheet HTML 9Page - Texas Instruments LMX2541SQX3030E Datasheet HTML 10Page - Texas Instruments LMX2541SQX3030E Datasheet HTML 11Page - Texas Instruments LMX2541SQX3030E Datasheet HTML 12Page - Texas Instruments LMX2541SQX3030E Datasheet HTML 13Page - Texas Instruments LMX2541SQX3030E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
tCES
tCS
D19
D18
D17
D16
tCH
tCWH
tCWL
D15
D0
C3
C2
C1
C0
MSB
LSB
DATA
CLK
LE
tES
tEWH
LMX2541SQ2060E, LMX2541SQ2380E
LMX2541SQ2690E, LMX2541SQ3030E
LMX2541SQ3320E, LMX2541SQ3740E
SNOSB31I – JULY 2009 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics (continued)
(3.15 V
≤ VCC ≤ 3.45 V, -40°C ≤ TA ≤ 85 °C; except as specified. Typical values are at Vcc = 3.3 V, 25 C.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
10 kHz Offset
-83.9
100 kHz Offset
-108.3
fRFout =
Min VCO
1 MHz Offset
-129.9
Frequency
10 MHz offset
-150.6
20 MHz Offset
-156.5
Phase Noise
L(f)Fout
dBc/Hz
3740E
10 kHz Offset
-81.6
100 kHz Offset
-106.5
fRFout =
Max VCO
1 MHz Offset
-127.7
Frequency
10 MHz Offset
-148.6
20 MHz Offset
-154.2
Digital Interface (DATA, CLK, LE, CE, Ftest/LD, FLout,RFoutEN)
VIH
High-Level Input Voltage
1.6
Vcc
V
VIL
Low-Level Input Voltage
0.4
V
IIH
High-Level Input Current
VIH = 1.75, XO = 0
-5
5
µA
IIL
Low-Level Input Current
VIL = 0 V , XO = 0
-5
5
µA
VOH
High-Level Output Voltage
IOH = 500 µA
2.0
V
VOL
Low-Level Output Voltage
IOL = -500 µA
0.0
0.4
V
ILeak
Leakage Current
Ftest/LD and FLout Pins Only
-5
5
µA
MICROWIRE Timing
tCE
Clock to Enable Low Time
See Data Input Timing
25
ns
tCS
Data to Clock Set Up Time
See Data Input Timing
25
ns
tCH
Data to Clock Hold Time
See Data Input Timing
20
ns
tCWH
Clock Pulse Width High
See Data Input Timing
25
ns
tCWL
Clock Pulse Width Low
See Data Input Timing
25
ns
tCES
Enable to Clock Set Up Time
See Data Input Timing
25
ns
tEWH
Enable Pulse Width High
See Data Input Timing
25
ns
Serial Data Timing Diagram
There are several other considerations for programming:
The DATA is clocked into a shift register on each rising edge of the CLK signal. On the rising edge of the LE
signal, the data is sent from the shift registers to an actual counter.
A slew rate of at least 30 V/
μs is recommended for the CLK, DATA, and LE signals.
After the programming is complete, the CLK, DATA, and LE signals should be returned to a low state.
When using the part in Full Chip Mode with the Integrated VCO, LE should be kept high no more than 1 us
after the programming of the R0 register. Failure to do so may interfere with the digital VCO calibration.
If the CLK and DATA lines are toggled while the in VCO is in lock , as is sometimes the case when these
lines are shared with other parts, the phase noise may be degraded during the time of this programming.
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMX2541SQ2060E LMX2541SQ2380E LMX2541SQ2690E LMX2541SQ3030E
LMX2541SQ3320E LMX2541SQ3740E


Similar Part No. - LMX2541SQX3030E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2541SQ2060E NSC-LMX2541SQ2060E Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ2060E TI1-LMX2541SQ2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ2060E TI1-LMX2541SQ2060E Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
LMX2541SQ2060E/NOPB TI1-LMX2541SQ2060E/NOPB Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
More results

Similar Description - LMX2541SQX3030E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2541 TI1-LMX2541 Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com