Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3906SQX-DJXI Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3906SQX-DJXI
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3906SQX-DJXI Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3906SQX-DJXI Datasheet HTML 4Page - Texas Instruments LP3906SQX-DJXI Datasheet HTML 5Page - Texas Instruments LP3906SQX-DJXI Datasheet HTML 6Page - Texas Instruments LP3906SQX-DJXI Datasheet HTML 7Page - Texas Instruments LP3906SQX-DJXI Datasheet HTML 8Page - Texas Instruments LP3906SQX-DJXI Datasheet HTML 9Page - Texas Instruments LP3906SQX-DJXI Datasheet HTML 10Page - Texas Instruments LP3906SQX-DJXI Datasheet HTML 11Page - Texas Instruments LP3906SQX-DJXI Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
LOW DROP OUT REGULATORS, LDO1 AND LDO2
Unless otherwise noted, VIN = 3.6, CIN = 1.0 µF, COUT = 0.47 µF. Typical values and limits appearing in normal type apply for
TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, −40°C to
+125°C.
(1) (2) (3) (4) (5) (6) (7)
Parameter
Test Conditions
Min
Typ
Max
Units
VIN
Operational Voltage Range
VINLDO1 and VINLDO2 PMOS
1.74
5.5
V
pins(8)
VOUT Accuracy
Output Voltage Accuracy (Default VOUT)
Load current = 1 mA
−3
3
%
ΔVOUT
Line Regulation
VIN = (VOUT + 0.3V) to 5.0V,
0.15
%/V
(7), Load Current = 1 mA
Load Regulation
VIN = 3.6V,
0.011
%/mA
Load Current = 1 mA to IMAX
ISC
Short Circuit Current Limit
LDO1-2, VOUT = 0V
500
mA
VIN – VOUT
Dropout Voltage
Load Current = 50 mA(5)
25
200
mV
PSRR
Power Supply Ripple Rejection
F = 10 kHz, Load Current = IMAX
45
dB
θn
Supply Output Noise
10 Hz < F < 100 KHz
80
µVrms
IQ
(6) (9)
Quiescent Current “On”
IOUT = 0 mA
40
µA
Quiescent Current “On”
IOUT = IMAX
60
µA
Quiescent Current “Off”
EN is de-asserted(10)
0.03
µA
TON
Turn On Time
Start up from shut-down
300
µs
COUT
Output Capacitor
Capacitance for stability 0°C
≤ TJ
0.33
0.47
µF
≤ 125°C
−40°C ≤ TJ ≤ 125°C
0.68
1.0
µF
ESR
5
500
m
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical numbers are not specifications, but do represent the most
likely norm.
(3)
CIN, COUT: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
The device maintains a stable, regulated output voltage without a load.
(5)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its
nominal value.
(6)
Quiescent current is defined here as the difference in current between the input voltage source and the load at VOUT.
(7)
VIN minimum for line regulation values is 1.8V.
(8)
Pins 13, 19 can operate from Vin min of 1.74 to a Vin max of 5.5V this rating is only for the series pass pmos power fet. It allows the
system design to use a lower voltage rating if the input voltage comes from a buck output.
(9)
The Iq can be defined as the standing current of the LP3906 when the I2C bus is active and all other power blocks have been disabled
via the I2C bus, or it can be defined as the I2C bus active, and the other power blocks are active under no load condition. These two
values can be used by the system designer when the LP3906 is powered using a battery. If the user plans to use the HW enable pins to
disable each block of the IC please contact the factory applications for IQ details.
(10) The Iq exhibits a higher current draw when the EN pin is de-asserted because the I2C buffer pins draw an additional 2µA
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906


Similar Part No. - LP3906SQX-DJXI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3906SQXDJXI NSC-LP3906SQXDJXI Datasheet
1Mb / 38P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
LP3906SQXJXXI NSC-LP3906SQXJXXI Datasheet
1Mb / 38P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results

Similar Description - LP3906SQX-DJXI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
National Semiconductor ...
LP3907 NSC-LP3907 Datasheet
2Mb / 42P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Texas Instruments
LP3906 TI1-LP3906 Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
National Semiconductor ...
LP3906 NSC-LP3906 Datasheet
1Mb / 38P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Texas Instruments
LP3907 TI1-LP3907_14 Datasheet
3Mb / 57P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com