Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

77311-118-02LF Datasheet(PDF) 7 Page - FCI connector

Part # 77311-118-02LF
Description  Duplex Plated Bergstik짰 II Headers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

77311-118-02LF Datasheet(HTML) 7 Page - FCI connector

  77311-118-02LF Datasheet HTML 1Page - FCI connector 77311-118-02LF Datasheet HTML 2Page - FCI connector 77311-118-02LF Datasheet HTML 3Page - FCI connector 77311-118-02LF Datasheet HTML 4Page - FCI connector 77311-118-02LF Datasheet HTML 5Page - FCI connector 77311-118-02LF Datasheet HTML 6Page - FCI connector 77311-118-02LF Datasheet HTML 7Page - FCI connector 77311-118-02LF Datasheet HTML 8Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TYPE
PRODUCT SPECIFICATION
NUMBER
BUS-12-114
TITLE
PAGE
REVISION
7 of 8
D
AUTHORIZED BY
DATE
Duplex Plated Bergstik® II Headers
S. Fierro
13 Mar. 06
CLASSIFICATION
UNRESTRICTED
Copyright
FCI
Form E-3334
Rev E
GS-01-001
TABLE I - QUALIFICATION TESTING
PDM: Rev:D
Released
.
STATUS:
Printed: Jan 04, 2007


Similar Part No. - 77311-118-02LF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
77311-118-02LF MICROCHIP-77311-118-02LF Datasheet
1Mb / 45P
   Evaluation Board (ADM00805) User?셲 Guide
11/07/16
More results

Similar Description - 77311-118-02LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
77311-124-02LF FCI-CONNECTOR-77311-124-02LF Datasheet
130Kb / 8P
   Duplex Plated Bergstik짰 II Headers
95157-104LF FCI-CONNECTOR-95157-104LF Datasheet
369Kb / 5P
   BERGSTIK II HEADER DR .100cc DUPLEX VERT. SMT
logo
3M Electronics
N7E50-Q516RA-50-WF 3M-N7E50-Q516RA-50-WF Datasheet
412Kb / 6P
   Headers mate with both CompactFlash??Type I and Type II cards
logo
Tyco Electronics
3-641215-2 MACOM-3-641215-2 Datasheet
267Kb / 3P
   MTA, CST-100 II, MT-6 and SL Connectors and Headers
logo
Dubilier
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
   FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
DBCIDCB10S04AG1 DUBILIER-DBCIDCB10S04AG1 Datasheet
132Kb / 1P
   FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
logo
PHOENIX CONTACT
1717025 PHOENIX-1717025 Datasheet
267Kb / 12P
   PCB headers
logo
Dubilier
DBCMJC33AG1 DUBILIER-DBCMJC33AG1 Datasheet
98Kb / 1P
   PIN HEADERS
logo
Adam Technologies, Inc.
SPH220SGSMT ADAM-TECH-SPH220SGSMT Datasheet
108Kb / 1P
   0.80mm SUB-MICRO HEADERS 1.00mm MICRO HEADERS
SPH2-60-UA ADAM-TECH-SPH2-60-UA Datasheet
257Kb / 1P
   0.8mm SUB-MICRO HEADERS 1.00mm MICRO HEADERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com