Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3906SQX-JXXI Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3906SQX-JXXI
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3906SQX-JXXI Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3906SQX-JXXI Datasheet HTML 6Page - Texas Instruments LP3906SQX-JXXI Datasheet HTML 7Page - Texas Instruments LP3906SQX-JXXI Datasheet HTML 8Page - Texas Instruments LP3906SQX-JXXI Datasheet HTML 9Page - Texas Instruments LP3906SQX-JXXI Datasheet HTML 10Page - Texas Instruments LP3906SQX-JXXI Datasheet HTML 11Page - Texas Instruments LP3906SQX-JXXI Datasheet HTML 12Page - Texas Instruments LP3906SQX-JXXI Datasheet HTML 13Page - Texas Instruments LP3906SQX-JXXI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
TEMPERATURE (°C)
2.00
1.50
1.00
0.50
0.00
-0.50
-1.00
-1.50
-2.00
-50 -35 -20 -5
10 25 40 55 70 85 100
TEMPERATURE (°C)
2.00
1.50
1.00
0.50
0.00
-0.50
-1.00
-1.50
-2.00
-50 -35 -20 -5
10 25 40 55 70 85 100
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS — LDO
TA = 25°C unless otherwise noted
Output Voltage Change
Output Voltage Change
vs
vs
Temperature (LDO1)
Temperature (LDO2)
Vin = 4.3V, Vout = 3.3V, 100 mA load
Vin = 4.3V, Vout = 1.8V, 100 mA load
Figure 4.
Figure 5.
Load Transient (LDO1)
Load Transient (LDO2)
3.6 Vin, 3.3 Vout, 0 – 100 mA load
3.6 Vin, 1.8 Vout, 0 – 100 mA load
Figure 6.
Figure 7.
Line Transient (LDO1)
Line Transient (LDO2)
3.6 - 4.5 Vin, 3.3 Vout, 150 mA load
3 – 4.2 Vin, 1.8 Vout, 150 mA load
Figure 8.
Figure 9.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906


Similar Part No. - LP3906SQX-JXXI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3906SQXDJXI NSC-LP3906SQXDJXI Datasheet
1Mb / 38P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
LP3906SQXJXXI NSC-LP3906SQXJXXI Datasheet
1Mb / 38P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results

Similar Description - LP3906SQX-JXXI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
National Semiconductor ...
LP3907 NSC-LP3907 Datasheet
2Mb / 42P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Texas Instruments
LP3906 TI1-LP3906 Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
National Semiconductor ...
LP3906 NSC-LP3906 Datasheet
1Mb / 38P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Texas Instruments
LP3907 TI1-LP3907_14 Datasheet
3Mb / 57P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com