Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA556N Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # NA556N
Description  DUAL PRECISION TIMERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NA556N Datasheet(HTML) 5 Page - Texas Instruments

  NA556N Datasheet HTML 1Page - Texas Instruments NA556N Datasheet HTML 2Page - Texas Instruments NA556N Datasheet HTML 3Page - Texas Instruments NA556N Datasheet HTML 4Page - Texas Instruments NA556N Datasheet HTML 5Page - Texas Instruments NA556N Datasheet HTML 6Page - Texas Instruments NA556N Datasheet HTML 7Page - Texas Instruments NA556N Datasheet HTML 8Page - Texas Instruments NA556N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
Operating Characteristics
NA556, NE556, SA556, SE556
DUAL PRECISION TIMERS
SLFS023G – APRIL 1978 – REVISED JUNE 2006
V
CC = 5 V and 15 V
NA556
NE556
SE556
TEST
PARAMETER
UNIT
SA556
CONDITIONS(1)
MIN
TYP
MAX
MIN
TYP
MAX
Each timer,
1
3
0.5
1.5(4)
monostable(3)
Initial error of timing
TA = 25°C
interval(2)
Each timer, astable(5)
2.25%
1.5%
Timer 1 – Timer 2
±1
±0.5
Each timer,
50
30
100(4)
Temperature
monostable(3)
coefficient of timing
TA = MIN to MAX
ppm/
°C
Each timer, astable(5)
150
90
interval
Timer 1 – Timer 2
±10
±10
Each timer,
0.1
0.5
0.05
0.2(4)
Supply voltage
monostable(3)
sensitivity of timing
TA = 25°C
%/V
Each timer, astable(5)
0.3
0.15
interval
Timer 1 – Timer 2
±0.2
±0.1
CL = 15 pF,
Output-pulse rise time
100
300
100
200(4)
ns
TA = 25°C
CL = 15 pF,
Output-pulse fall time
100
300
100
200(4)
ns
TA = 25°C
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
(2)
Timing-interval error is defined as the difference between the measured value and the average value of a random sample from each
process run.
(3)
Values specified are for a device in a monostable circuit similar to Figure 2, with the following component values: RA = 2 kΩ to 100 kΩ,
C = 0.1
µF.
(4)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(5)
Values specified are for a device in an astable circuit similar to Figure 1, with the following component values: RA = 1 kΩ to 100 kΩ,
C = 0.1
µF.
5
Submit Documentation Feedback


Similar Part No. - NA556N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NA556N TI-NA556N Datasheet
412Kb / 15P
[Old version datasheet]   DUAL PRECISION TIMERS
NA556N TI1-NA556N Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
NA556NE4 TI-NA556NE4 Datasheet
412Kb / 15P
[Old version datasheet]   DUAL PRECISION TIMERS
More results

Similar Description - NA556N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NA556 TI-NA556 Datasheet
412Kb / 15P
[Old version datasheet]   DUAL PRECISION TIMERS
NE556 TI-NE556 Datasheet
71Kb / 5P
[Old version datasheet]   DUAL PRECISION TIMERS
NA556 TI1-NA556_14 Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
JM38510-10902BCA TI1-JM38510-10902BCA Datasheet
777Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com