Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3906SQX-VPFP Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3906SQX-VPFP
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3906SQX-VPFP Datasheet(HTML) 2 Page - Texas Instruments

  LP3906SQX-VPFP Datasheet HTML 1Page - Texas Instruments LP3906SQX-VPFP Datasheet HTML 2Page - Texas Instruments LP3906SQX-VPFP Datasheet HTML 3Page - Texas Instruments LP3906SQX-VPFP Datasheet HTML 4Page - Texas Instruments LP3906SQX-VPFP Datasheet HTML 5Page - Texas Instruments LP3906SQX-VPFP Datasheet HTML 6Page - Texas Instruments LP3906SQX-VPFP Datasheet HTML 7Page - Texas Instruments LP3906SQX-VPFP Datasheet HTML 8Page - Texas Instruments LP3906SQX-VPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
For information about how schottky diodes can reduce noise in high load, high Vin applications, see Buck Output
Ripple Management.
DESCRIPTION (CONTINUED)
This device integrates two highly efficient 1.5A Step-Down DC/DC converters with dynamic voltage management
(DVM), two 300mA Linear Regulators and a 400kHz I2C compatible interface to allow a host controller access to
the internal control registers of the LP3906. The LP3906 additionally features programmable power-on
sequencing and is offered in a tiny 5 x 4 x 0.8mm WQFN-24 pin package.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906


Similar Part No. - LP3906SQX-VPFP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3906SQXDJXI NSC-LP3906SQXDJXI Datasheet
1Mb / 38P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
LP3906SQXJXXI NSC-LP3906SQXJXXI Datasheet
1Mb / 38P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results

Similar Description - LP3906SQX-VPFP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
National Semiconductor ...
LP3907 NSC-LP3907 Datasheet
2Mb / 42P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Texas Instruments
LP3906 TI1-LP3906 Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
National Semiconductor ...
LP3906 NSC-LP3906 Datasheet
1Mb / 38P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Texas Instruments
LP3907 TI1-LP3907_14 Datasheet
3Mb / 57P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com