Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5191HRTLG-XTD Datasheet(PDF) 10 Page - ON Semiconductor

Part # A5191HRTLG-XTD
Description  HART Modem
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

A5191HRTLG-XTD Datasheet(HTML) 10 Page - ON Semiconductor

Back Button A5191HRTLG-XTD Datasheet HTML 6Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 7Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 8Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 9Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 10Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 11Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 12Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 13Page - ON Semiconductor A5191HRTLG-XTD Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
A5191HRT
http://onsemi.com
10
Internal Oscillator Option
The oscillator cell will function with either a 460.8 kHz
crystal or ceramic resonator. A parallel resonant ceramic
resonator can be connected between XIN and XOUT.
Figure 12 illustrates the crystal option for clock generation
using a 460.8 kHz (
±1 % tolerance) parallel resonant crystal
and two tuning capacitors Cx. The actual values of the
capacitors may depend on the recommendations of the
manufacturer of the resonator. Typically, capacitors in the
range of 100 pF to 470 pF are used.
XOUT
XIN
CX
CX
460.8 kHz
Crystal
Oscillator
Figure 12. Crystal Oscillator
External Clock Option
It may be desirable to use an external 460.8 kHz clock as
shown in Figure 13 rather than the internal oscillator. In
addition, the A5191HRT consumes less current when an
external clock is used. Minimum current consumption
occurs with the clock connected to XOUT and XIN
connected to VSS.
XOUT
XIN
Crystal
Oscillator
460.8 kHz
Figure 13. Oscillator with External Clock
Power On Reset
During start-up the RESETB pin should be kept low until
the voltage level on VDD is above the minimum level VDDH
= 2.5 V to guarantee correct operation of the digital circuitry.
As illustrated in Figure 14 RESETB should be kept low for
at least tPOR = 10 ns after this threshold level is reached.
tPOR =10 ns
VDDH =2.5 V
VDD
t
RESET pin
Figure 14. Power On Reset Timing


Similar Part No. - A5191HRTLG-XTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRTLG-XTD ONSEMI-A5191HRTLG-XTD Datasheet
399Kb / 13P
   HART Modem
May 2008 ??Rev. 3
A5191HRTLG-XTD ONSEMI-A5191HRTLG-XTD Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
More results

Similar Description - A5191HRTLG-XTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
   HART Modem
December, 2011 ??Rev. 5
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
   HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
   HART Modem
October, 2011 ??Rev. 2
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
   HART Modem
Rev 0; 10/08
logo
ON Semiconductor
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
   HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
A5191HRT ONSEMI-A5191HRT_16 Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
NCN5193 ONSEMI-NCN5193_3 Datasheet
199Kb / 14P
   HART Modem
September, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500_09 Datasheet
170Kb / 7P
   HART Modem
Rev 1; 2/09
logo
List of Unclassifed Man...
20C12 ETC1-20C12 Datasheet
468Kb / 11P
   HART MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com