Electronic Components Datasheet Search |
|
NM24C16UFLZVMT8 Datasheet(PDF) 9 Page - Fairchild Semiconductor |
|
NM24C16UFLZVMT8 Datasheet(HTML) 9 Page - Fairchild Semiconductor |
9 / 13 page 9 www.fairchildsemi.com NM24C16U/17U Rev. B.1 Device Type Identifier 1 0 1 0 A2 A1 A0 R/W (LSB) NM24C16U/17U Page Block Address DS800010-14 Write Cycle Timing (Continued) The NM24C16U/17U device will always respond with an acknowl- edge after recognition of a start condition and its slave address. If both the device and a write operation have been selected, the NM24C16U/17U will respond with an acknowledge after the receipt of each subsequent eight bit byte. In the read mode the NM24C16U/17U slave will transmit eight bits of data, release the SDA line and monitor the line for an acknowl- edge. If an acknowledge is detected and no stop condition is generated by the master, the slave will continue to transmit data. If an acknowledge is not detected, the slave will terminate further data transmissions and await the stop condition to return to the standby power mode. Device Addressing Following a start condition the master must output the address of the slave it is accessing. The most significant four bits of the slave address are those of the device type identifier ( see Figure 5). This is fixed as 1010 for all EEPROM devices. Slave Addresses (Figure 5) Refer to the following table for Slave Addresses string details: Device A0 A1 A2 Page Page Block Blocks Addresses NM24C16U/17U P P P 8 000 001 010 011 ... 111 P: Refers to an internal PAGE BLOCK memory segment. All IIC EEPROMs use an internal protocol that defines a PAGE BLOCK size of 2K bits (for Word addressess 0000 through 1111). Therefore, address bits A0, A1, or A2 (if designated 'P') are used to access a PAGE BLOCK in conjunction with the Word address used to access any individual data byte (Word). The last bit of the slave address defines whether a write or read condition is requested by the master. A '1' indicates that a read operation is to be executed, and a '0' initiates the write mode. A simple review: After the NM24C16U/17U recognizes the start condition, the devices interfaced to the IIC bus wait for a slave address to be transmitted over the SDA line. If the transmitted slave address matches an address of one of the devices, the designated slave pulls the line LOW with an acknowledge signal and awaits further transmissions. |
Similar Part No. - NM24C16UFLZVMT8 |
|
Similar Description - NM24C16UFLZVMT8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |