Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT22C10LI30 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT22C10LI30
Description  256-Bit Nonvolatile CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT22C10LI30 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT22C10LI30 Datasheet HTML 1Page - ON Semiconductor CAT22C10LI30 Datasheet HTML 2Page - ON Semiconductor CAT22C10LI30 Datasheet HTML 3Page - ON Semiconductor CAT22C10LI30 Datasheet HTML 4Page - ON Semiconductor CAT22C10LI30 Datasheet HTML 5Page - ON Semiconductor CAT22C10LI30 Datasheet HTML 6Page - ON Semiconductor CAT22C10LI30 Datasheet HTML 7Page - ON Semiconductor CAT22C10LI30 Datasheet HTML 8Page - ON Semiconductor CAT22C10LI30 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Doc. No. MD-1082, Rev. R
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice.
FEATURES
s Single 5V Supply
s Fast RAM Access Times:
–200ns
–300ns
s Infinite EEPROM to RAM Recall
s CMOS and TTL Compatible I/O
s Power Up/Down Protection
s 100,000 Program/Erase Cycles (E2PROM)
s Low CMOS Power Consumption:
–Active: 40mA Max.
–Standby: 30
µA Max.
s JEDEC Standard Pinouts:
–18-lead DIP
–16-lead SOIC
s 10 Year Data Retention
s Commercial, Industrial and Automotive
Temperature Ranges
DESCRIPTION
The CAT22C10 NVRAM is a 256-bit nonvolatile memory
organized as 64 words x 4 bits. The high speed Static
RAM array is bit for bit backed up by a nonvolatile
EEPROM array which allows for easy transfer of data
from RAM array to EEPROM (STORE) and from
EEPROM to RAM (RECALL). STORE operations are
completed in 10ms max. and RECALL operations typi-
cally within 1.5
µs. The CAT22C10 features unlimited
RAM write operations either through external RAM
PIN CONFIGURATION
PIN FUNCTIONS
Pin Name
Function
A0–A5
Address
I/O0–I/O3
Data In/Out
WE
Write Enable
CS
Chip Select
RECALL
Recall
STORE
Store
VCC
+5V
VSS
Ground
NC
No Connect
writes or internal recalls from EEPROM. Internal false
store protection circuitry prohibits STORE operations
when VCC is less than 3.0V.
The CAT22C10 is manufactured using Catalyst’s ad-
vanced CMOS floating gate technology. It is designed
to endure 100,000 program/erase cycles (EEPROM)
and has a data retention of 10 years. The device is
available in JEDEC approved 18-lead plastic DIP and
16-lead SOIC packages.
SOIC Package (W)
DIP Package (L)
NC
A4
A3
A2
Vss
A1
CS
STORE
A0
NC
Vcc
A5
I/O3
I/O2
I/O1
I/O0
WE
RECALL
1
2
3
4
5
6
7
8
9
14
13
11
10
12
15
16
17
18
1
2
3
4
5
6
7
8
14
13
11
10
9
12
15
16
A1
A2
A3
A4
A0
A5
Vcc
I/O4
I/O3
I/O2
I/O1
Vss
WE
CS
STORE
RECALL
CAT22C10
256-Bit Nonvolatile CMOS Static RAM


Similar Part No. - CAT22C10LI30

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT22C10LI30 ONSEMI-CAT22C10LI30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10LI30 ONSEMI-CAT22C10LI30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
More results

Similar Description - CAT22C10LI30

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com