Electronic Components Datasheet Search |
|
TLV5613CPWG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
TLV5613CPWG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 23 page TLV5613 2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN SLAS174B – DECEMBER 1997 – REVISED NOVEMBER 2000 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage (DVDD, AVDD to GND) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Supply voltage difference, AVDD to DVDD – 2.8 V to 2.8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reference input voltage range – 0.3 V to AVDD + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Digital input voltage range to GND – 0.3 V to DVDD + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: TLV5613C 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TLV5613I – 40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. recommended operating conditions MIN NOM MAX UNIT Supply voltage VDD 5-V Supply 4.5 5 5.5 V Supply voltage, VDD 3-V Supply 2.7 3 3.3 V Supply voltage difference, ∆VDD = AVDD – DVDD –2.8 0 2.8 V Power on reset, POR 0.55 2 V High-level digital input voltage, VIH DVDD = 2.7 V to 5.5 V 2 V Low-level digital input voltage, VIL DVDD = 2.7 V to 5.5 V 0.8 V Reference voltage V f to REFIN terminal 5-V Supply (see Note 1) GND 2.048 AVDD – 1.5 V Reference voltage, Vref to REFIN terminal 3-V Supply (see Note 1) GND 1.024 AVDD – 1.5 V Load resistance, RL 2 k Ω Load capacitance, CL 100 pF Operating free air temperature TA TLV5613C 0 70 °C Operating free-air temperature, TA TLV5613I – 40 85 °C NOTE 1: Due to the x2 output buffer, a reference input voltage ≥ (VDD – 0.4)/2 causes clipping of the transfer function. |
Similar Part No. - TLV5613CPWG4 |
|
Similar Description - TLV5613CPWG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |