Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA832 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSA832
Description  USB 2.0 High-Speed (480 Mbps) Charger Detection IC with Isolation Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA832 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSA832 Datasheet HTML 1Page - Fairchild Semiconductor FSA832 Datasheet HTML 2Page - Fairchild Semiconductor FSA832 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
June 2013
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA832 • Rev. 1.0.0
FSA832
— USB 2.0 High-Speed (480 Mbps) Charger
Detection IC with Isolation Switch
Features
USB Detection
USB Battery Charging Rev. 1.2
Supports Data Contact Detect (DCD)
Dead Battery Provision (DBP)
with 30-Minute Timer
Proprietary Charger
and Other Detection
2.7 V / 2.0 V on DP/DM
DP/DM Floating
PS/2 Port Detection
Switch Type
Isolation Switch Closes for
Charging Downstream Port (CDP)
Standard Downstream Port (SDP)
VBUS
28 V Over-Voltage Tolerance
-2 V Under-Voltage Tolerance
Package
10-
Lead MicroPak™
1.6 x 2.1 mm, 0.5 mm Pitch
Ordering
Information
FSA832L10X
Applications
MP3, Mobile Internet Device (MID), Cell Phone, PDA,
Digital Camera, Notebook, and Netbook
Description
The FSA832 is a charger detection IC with an integrated
isolation switch for use with micro/mini USB port. The
FSA832 detects USB battery chargers and is compliant with
USB Battery Charging Specification, Rev 1.2 (BC1.2).
The FSA832 also detects proprietary chargers that pull the
USB data lines HIGH (2.7 V / 2.0 V), floating data lines, and
PS/2 ports. The device determines if a charger, either
through a Dedicated Charging Port (DCP) or Charging
Downstream Port (CDP), is connected or if a typical PC host,
a Standard Downstream Port (SDP), is connected. The
FSA832 conforms to all the constraints for the Dead Battery
Provision (DBP) within the BC1.2 specification, including a
30-minute timer that cannot exceed 45 minutes per BC1.2.
Related Resources
For samples and questions, please contact:
analogswitch@fairchildsemi.com.
Typical Application
Figure 1. Mobile Phone Example


Similar Part No. - FSA832

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA832 ONSEMI-FSA832 Datasheet
397Kb / 11P
   USB 2.0 High-Speed Charger Detection IC with Isolation Switch
August 2014 Rev. 1.0.1
FSA832L10X ONSEMI-FSA832L10X Datasheet
397Kb / 11P
   USB 2.0 High-Speed Charger Detection IC with Isolation Switch
August 2014 Rev. 1.0.1
More results

Similar Description - FSA832

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA832 ONSEMI-FSA832 Datasheet
397Kb / 11P
   USB 2.0 High-Speed Charger Detection IC with Isolation Switch
August 2014 Rev. 1.0.1
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Pericom Semiconductor C...
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
   USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
logo
Microchip Technology
USB375X MICROCHIP-USB375X Datasheet
446Kb / 31P
   USB 2.0 Protection IC with Battery Charger Detection
03/25/14
logo
Pericom Semiconductor C...
PI3USB103 PERICOM-PI3USB103 Datasheet
921Kb / 7P
   USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
logo
Diodes Incorporated
PI3USB103 DIODES-PI3USB103 Datasheet
1Mb / 8P
   USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
01/18/17
logo
Texas Instruments
TS3USB31 TI-TS3USB31 Datasheet
650Kb / 17P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE
logo
Fairchild Semiconductor
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
   USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com